Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCNT2030 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VCNT2030
Description  Reflective Optical Sensor With VCSEL and Transistor Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNT2030 Datasheet(HTML) 1 Page - Vishay Siliconix

  VCNT2030 Datasheet HTML 1Page - Vishay Siliconix VCNT2030 Datasheet HTML 2Page - Vishay Siliconix VCNT2030 Datasheet HTML 3Page - Vishay Siliconix VCNT2030 Datasheet HTML 4Page - Vishay Siliconix VCNT2030 Datasheet HTML 5Page - Vishay Siliconix VCNT2030 Datasheet HTML 6Page - Vishay Siliconix VCNT2030 Datasheet HTML 7Page - Vishay Siliconix VCNT2030 Datasheet HTML 8Page - Vishay Siliconix VCNT2030 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VCNT2030
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 02-Sep-2022
1
Document Number: 80223
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Reflective Optical Sensor With VCSEL and Transistor Output
LINKS TO ADDITIONAL RESOURCES
FEATURES
• Package type: SMD
• Detector type: phototransistor
• Dimensions (L x W x H in mm): 1.85 x 1.2 x 0.6
• Emitter wavelength: 940 nm
• Moisture sensitivity level (MSL): 3
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Position sensor
• Optical switch
• Optical encoder
• Object detection (e.g. paper presence in printer and copy
machines)
DESCRIPTION
The VCNT2030 is a reflective sensor in a miniature SMD
package. It has a compact construction where the emitting
light source and the detector are arranged in the same
plane. The emitter uses a vertical cavity surface emitting
laser (VCSEL) chip technology with high radiant intensity,
high optical power, and high speed. The operating infrared
wavelength is 940 nm. The detector consists of a silicon
phototransistor. The sensor’s analog output signal at the
phototransistor is dependant on the amount of the light
emitted by the VCSEL and reflected of an object in the
sensor’s field of view.
Application
Notes
333
DDD3 D
3D Models


Similar Part No. - VCNT2030

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNT2020 VISHAY-VCNT2020 Datasheet
146Kb / 7P
Reflective Optical Sensor with Transistor Output
19-Jan-18
VCNT2020 VISHAY-VCNT2020 Datasheet
142Kb / 7P
Reflective Optical Sensor With Transistor OutputS
21-Jan-2019
VCNT2020 VISHAY-VCNT2020_V01 Datasheet
142Kb / 7P
Reflective Optical Sensor With Transistor OutputS
21-Jan-2019
VCNT2025X01 VISHAY-VCNT2025X01 Datasheet
205Kb / 8P
Reflective Optical Sensor With Transistor Output
16-Mar-2022
More results

Similar Description - VCNT2030

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY70 VISHAY-CNY70 Datasheet
78Kb / 7P
Reflective Optical Sensor with Transistor Output
05-Apr-00
TCRT1000 VISHAY-TCRT1000 Datasheet
67Kb / 7P
Reflective Optical Sensor with Transistor Output
27-May-99
CNY70 VISHAY-CNY70_08 Datasheet
147Kb / 7P
Reflective Optical Sensor with Transistor Output
04-Sep-06
TCRT1000 VISHAY-TCRT1000_06 Datasheet
132Kb / 7P
Reflective Optical Sensor with Transistor Output
04-Sep-06
TCRT5000 VISHAY-TCRT5000_09 Datasheet
313Kb / 12P
Reflective Optical Sensor with Transistor Output
17-Aug-09
TCNT2000 VISHAY-TCNT2000 Datasheet
116Kb / 6P
Reflective Optical Sensor with Transistor Output
17-Aug-12
VCNT2020 VISHAY-VCNT2020 Datasheet
146Kb / 7P
Reflective Optical Sensor with Transistor Output
19-Jan-18
VCNT2025X01 VISHAY-VCNT2025X01 Datasheet
205Kb / 8P
Reflective Optical Sensor With Transistor Output
16-Mar-2022
CNY70 VISHAY-CNY70_V01 Datasheet
246Kb / 11P
Reflective Optical Sensor with Transistor Output
30-Jul-12
TCRT1000 VISHAY-TCRT1000_V01 Datasheet
267Kb / 11P
Reflective Optical Sensor With Transistor Output
13-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com