Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA380BW Datasheet(PDF) 46 Page - STMicroelectronics

Part # STA380BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA380BW Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STA380BW Datasheet HTML 42Page - STMicroelectronics STA380BW Datasheet HTML 43Page - STMicroelectronics STA380BW Datasheet HTML 44Page - STMicroelectronics STA380BW Datasheet HTML 45Page - STMicroelectronics STA380BW Datasheet HTML 46Page - STMicroelectronics STA380BW Datasheet HTML 47Page - STMicroelectronics STA380BW Datasheet HTML 48Page - STMicroelectronics STA380BW Datasheet HTML 49Page - STMicroelectronics STA380BW Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 162 page
background image
Register description: New Map
STA380BW
46/162
DocID024543 Rev 1
6.3
RESET register (addr 0x02)
After SRESET is written, the last IC acknowledge is skipped and the EAPD bit (reg 0x16 bit
D7) is set to 1 instead of the 0 default value obtained after hardware reset.
6.4
Soft volume register (addr 0x03)
Values are specified for fs = 48 kHz, 96 kHz or 192 kHz.
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
SRESET
00000000
Table 16. RESET register
Bit
R/W
RST
Name
Description
0
R/W
0
SRESET
‘0’: normal operation
‘1’: reset the device
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
SVOL[1:0]
00000001
Table 17. Soft volume register
Bit
R/W
RST
Name
Description
1
R/W
SVOL[1:0]
00: 30 ms
01: 100 ms (default)
10: 100 ms
11: Soft-mute disabled
0
R/W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com