Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA380BW Datasheet(PDF) 49 Page - STMicroelectronics

Part # STA380BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA380BW Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STA380BW Datasheet HTML 45Page - STMicroelectronics STA380BW Datasheet HTML 46Page - STMicroelectronics STA380BW Datasheet HTML 47Page - STMicroelectronics STA380BW Datasheet HTML 48Page - STMicroelectronics STA380BW Datasheet HTML 49Page - STMicroelectronics STA380BW Datasheet HTML 50Page - STMicroelectronics STA380BW Datasheet HTML 51Page - STMicroelectronics STA380BW Datasheet HTML 52Page - STMicroelectronics STA380BW Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 162 page
background image
DocID024543 Rev 1
49/162
STA380BW
Register description: New Map
6.9
POST scaler register (addr 0x08)
Post scaler is set to POST/128 for both CH1 and CH2.
6.10
OPER register (addr 0x09)
D7
D6
D5
D4
D3
D2
D1
D0
POST[7:0]
10000000
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
OPER[1:0]
00000000
Table 23. OPER register
Bit
R/W
RST
Name
Description
1
R/W
0
OPER[1:0]
output configuration modes
0
R/W
0
Table 24. OPER configuration selection
OPER[1:0]
Output configuration
PBTL enable
00
2-channel (full-bridge) power, 2-channel data-out:
1A/1B
 1A/1B
2A/2B
 2A/2B
LineOut1
 3A/3B
LineOut2
 4A/4B
Line out configuration determined by LOC register
No
11
2-channel (full-bridge) power, 1-channel FFX:
1A/1B
 1A/1B
2A/2B
 2A/2B
3A/3B
 3A/3B
EAPDEXT and TWARNEXT Active
Yes
10
2(half-bridge).1(full-bridge) on-board power:
1A
 1A
Binary 0°
2A
 1B
Binary 90°
3A/3B
 2A/2B Binary 45°
1A/B
 3A/B
Binary 0°
2A/B
 4A/B
Binary 90°
No
01
1 channel mono-parallel:
3A
 1A/1B
w/ C3BO 45°
3B
 2A/2B
w/ C3BO 45°
1A/1B
 3A/3B
2A/2B
 4A/4B
CH3 downmixed on all the PWM channels.
No
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com