Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1012AP Datasheet(PDF) 4 Page - ON Semiconductor

Part # P1012AP
Description  Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P1012AP Datasheet(HTML) 4 Page - ON Semiconductor

  P1012AP Datasheet HTML 1Page - ON Semiconductor P1012AP Datasheet HTML 2Page - ON Semiconductor P1012AP Datasheet HTML 3Page - ON Semiconductor P1012AP Datasheet HTML 4Page - ON Semiconductor P1012AP Datasheet HTML 5Page - ON Semiconductor P1012AP Datasheet HTML 6Page - ON Semiconductor P1012AP Datasheet HTML 7Page - ON Semiconductor P1012AP Datasheet HTML 8Page - ON Semiconductor P1012AP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
NCP1010, NCP1011, NCP1012, NCP1013, NCP1014
www.onsemi.com
4
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage on all pins, except Pin 5 (Drain)
VCC
−0.3 to 10
V
Drain Voltage
−
−0.3 to 700
V
Drain Current Peak during Transformer Saturation
NCP1010/11
NCP1012/13/14
IDS(pk)
550
1.0
mA
A
Maximum Current into Pin 1 when Activating the 8.7 V Active Clamp
I_VCC
15
mA
Thermal Characteristics
P Suffix, Case 626A
Junction−to−Lead
Junction−to−Air, 2.0 oz (70
mm) Printed Circuit Copper Clad
0.36 Sq. Inch (2.32 Sq. Cm)
1.0 Sq. Inch (6.45 Sq. Cm)
ST Suffix, Plastic Package Case 318E
Junction−to−Lead
Junction−to−Air, 2.0 oz (70
mm) Printed Circuit Copper Clad
0.36 Sq. Inch (2.32 Sq. Cm)
1.0 Sq. Inch (6.45 Sq. Cm)
RqJL
RqJA
RqJL
RqJA
9.0
77
60
14
74
55
°C/W
Maximum Junction Temperature
TJmax
150
°C
Storage Temperature Range
−
−60 to +150
°C
ESD Capability, Human Body Model (All pins except HV)
−
2.0
kV
ESD Capability, Machine Model
−
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, Max TJ = 150°C,
VCC = 8.0 V unless otherwise noted.)
Rating
Pin
Symbol
Min
Typ
Max
Unit
SUPPLY SECTION AND VCC MANAGEMENT
VCC Increasing Level at which the Current Source Turns−off
1
VCCOFF
7.9
8.5
9.1
V
VCC Decreasing Level at which the Current Source Turns−on
1
VCCON
6.9
7.5
8.1
V
Hysteresis between VCCOFF and VCCON
1
−
−
1.0
−
V
VCC Decreasing Level at which the Latch−off Phase Ends
1
VCClatch
4.4
4.7
5.1
V
VCC Decreasing Level at which the Internal Latch is Released
1
VCCreset
−
3.0
−
V
Internal IC Consumption, MOSFET Switching at 65 kHz (Note 2)
1
ICC1
−
0.92
1.1
mA
Internal IC Consumption, MOSFET Switching at 100 kHz (Note 2)
1
ICC1
−
0.95
1.15
mA
Internal IC Consumption, MOSFET Switching at 130 kHz (Note 2)
1
ICC1
−
0.98
1.2
mA
Internal IC Consumption, Latch−off Phase, VCC = 6.0 V
1
ICC2
−
290
−
mA
Active Zener Voltage Positive Offset to VCCOFF
1
Vclamp
140
200
300
mV
Latch−off Current
NCP1012/13/14
0
°C < TJ < 125°C
−40
°C < TJ < 125°C
NCP1010/11
0
°C < TJ < 125°C
−40
°C < TJ < 125°C
1
ILatch
6.3
5.8
5.8
5.3
7.4
7.4
7.3
7.3
9.2
9.2
9.0
9.0
mA
POWER SWITCH CIRCUIT
Power Switch Circuit On−state Resistance
NCP1012/13/14 (Id = 50 mA)
TJ = 25°C
TJ = 125°C
NCP1010/11 (Id = 50 mA)
TJ = 25°C
TJ = 125°C
5
RDSon
−
11
19
22
38
16
24
35
50
W
2. See characterization curves for temperature evolution.
3. Adjust di/dt to reach Ipeak in 3.2
msec.
4. See characterization curves for temperature evolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com