Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A383AP Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI5A383AP
Description  Precision Wide Bandwidth Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A383AP Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI5A383AP Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A383AP Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A383AP Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A383AP Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A383AP Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A383AP Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A383AP Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A383AP Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
38
PS7062D
07/14/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A381A
PI5A383A
PI5A385A
Test Circuits/Timing Diagrams
Figure 1. Switching Time
Figure 2. Charge Injection
V+
+5V
NO or
GND
NC
COM
R
GEN
VOUT
CL
1nF
V
OUT
∆V
OUT
IN
V
GEN
ON
ON
OFF
OFF
OFF
OFF
IN
Q = (
∆V
OUT)(CL)
IN
Logic
Input
OFF
NC or
+3V*
+5V
IN
COM
Vcc
GND
100
VOUT
15 pF
R
NO
Switch
Input
Logic
Input
L
R
L
R
L
RON
C L
C L INCLUDES FIXTURE AND STRAY CAPACITANCE
V
= VNO
OUT
(
)
+
Logic
Input
Switch
Output
50%
0V
0V
+3V
t
90%
90%
tON
t
V
r <20ns
t f <20ns
OUT
LOGIC INPUT WAVEFORMS INVERTED
FOR SWITCHES THAT HAVE OPPOSITE
LOGIC *1.5V FOR 3.3V SUPPLY



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com