Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A383AP Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5A383AP
Description  Precision Wide Bandwidth Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A383AP Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5A383AP Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A383AP Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A383AP Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A383AP Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A383AP Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A383AP Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A383AP Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A383AP Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
34
PS7062D
07/14/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A381A
PI5A383A
PI5A385A
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C)
C
º
(
p
m
e
Tn
i
M
)
1
(
p
y
T
)
2
(
x
a
M
)
1
(
t
i
n
U
t
u
p
n
I
c
i
g
o
L
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
V
H
N
I
l
e
v
e
L
h
g
i
H
c
i
g
o
l
d
e
e
t
n
a
r
a
u
G
l
l
u
F
2
V
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IV
L
N
I
l
e
v
e
L
w
o
L
c
i
g
o
l
d
e
e
t
n
a
r
a
u
G
8
.
0
t
u
p
n
I
h
t
i
w
t
n
e
r
r
u
C
t
u
p
n
I
h
g
i
H
e
g
a
t
l
o
V
I
H
N
I
V
N
I
V
8
.
0
=
s
r
e
h
t
o
l
l
a
,
V
4
.
2
=1
-5
0
0
.
01
Α
µ
t
u
p
n
I
h
t
i
w
t
n
e
r
r
u
C
t
u
p
n
I
w
o
L
e
g
a
t
l
o
V
I
L
N
I
V
N
I
V
4
.
2
=
s
r
e
h
t
o
l
l
a
,
V
8
.
0
=1
-5
0
0
.
01
c
i
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
Tt
N
O
V
C
C
1
e
r
u
g
i
F
,
V
5
=
5
28
5
1
s
n
l
l
u
F0
2
e
m
i
T
f
f
O
-
n
r
u
Tt
F
F
O
5
25
.
37
l
l
u
F0
1
n
o
i
t
c
e
j
n
I
e
g
r
a
h
C
)
3
(
QC
L
V
,
F
n
1
=
N
E
G
R
,
V
0
=
N
E
G
0
=
Ω
2
e
r
u
g
i
F
5
2
70
1C
p
n
o
i
t
a
l
o
s
I
f
f
OR
R
I
OR
L
0
5
=
Ω C
,
L
,
F
p
5
==
f3
e
r
u
g
i
F
,
z
H
M
0
15
5
-
B
d
k
l
a
t
s
s
o
r
C
)
8
(
I
)
F
F
O
(
M
O
C
R
L
0
5
=
Ω C
,
L
,
F
p
5
==
f4
e
r
u
g
i
F
,
z
H
M
0
12
9
-
e
c
n
a
t
i
c
a
p
a
C
O
N
r
o
C
NC
)
F
F
O
(
=
f5
e
r
u
g
i
F
,
z
H
k
18
F
p
e
c
n
a
t
i
c
a
p
a
C
f
f
O
M
O
CC
)
F
F
O
(
M
O
C
8
e
c
n
a
t
i
c
a
p
a
C
n
O
M
O
CC
)
N
O
(
M
O
C
=
f6
e
r
u
g
i
F
,
z
H
k
14
1
h
t
d
i
w
d
n
a
B
B
d
3
-W
BR
L
0
5
=
,
Ω
7
e
r
u
g
i
F
l
l
u
F
0
3
2z
H
M
n
o
i
t
r
o
t
s
i
D
)
9
(
DR
L
k
0
1
=
Ω
3
0
.
0%
y
l
p
p
u
S
e
g
n
a
R
y
l
p
p
u
S
-
r
e
w
o
PV
C
C
l
l
u
F
26
V
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
i
t
i
s
o
PI
C
C
V
C
C
V
,
V
5
.
5
=
N
I
V
r
o
V
0
=
,
C
C
f
f
o
r
o
n
o
s
l
e
n
n
a
h
c
l
l
a
1
µA
Notes:
1.
The algebraic convention, where the most negative value is a minimum and the most positive is a maximum, is used in this data sheet.
2.
Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3.
Guaranteed by design.
4.
∆RΟΝ = RΟΝ max - RΟΝ min.
5.
Flatness is defined as the difference between the maximum and minimum value of on-resistance measured.
6.
Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25ºC.
7.
Off Isolation = 20log10 [VCOM/ (VNO or VNC)]. See figure 3.
8.
Between any two switches. See figure 4.
9.
D = RFLAT(ON)/RL.
Electrical Characteristics-Single 5.0V Supply (continued)
(VCC = 5V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com