Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPMB250-A1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SPMB250-A1
Description  MOTIONBEE™ family acceleration sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMB250-A1 Datasheet(HTML) 5 Page - STMicroelectronics

  SPMB250-A1 Datasheet HTML 1Page - STMicroelectronics SPMB250-A1 Datasheet HTML 2Page - STMicroelectronics SPMB250-A1 Datasheet HTML 3Page - STMicroelectronics SPMB250-A1 Datasheet HTML 4Page - STMicroelectronics SPMB250-A1 Datasheet HTML 5Page - STMicroelectronics SPMB250-A1 Datasheet HTML 6Page - STMicroelectronics SPMB250-A1 Datasheet HTML 7Page - STMicroelectronics SPMB250-A1 Datasheet HTML 8Page - STMicroelectronics SPMB250-A1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SPMB250-A1
Maximum ratings
Doc ID 15179 Rev 2
5/18
4
Maximum ratings
4.1
Absolute maximum ratings
4.2
Operating ranges
Operating ranges define the limits for functional operation and parametric characteristics of
the module.
Functionality outside these limits is not implied
Table 1.
Absolute maximum ratings
Symbol
Parameter
Values
Unit
Min
Max
VCC
Board supply voltage
7
V
TOPmax
Operating ambient temperature
-40
+85
°C
TSTG
Storage temperature
-40
+85
°C
Table 2.
Operating ranges
Symbol
Parameter
Conditions
Values
Unit
Min
Typ
Max
VCC
Module supply voltage
-40 °C < T < 85 °C
3.6
6
V
TSTG
Operating ambient
temperature
-40
+85
°C
IOP
Operation current (1)
1.
Values indicated in the table are referred to the single states (Standby TX,RX,…); the overall current
depends on the working strategy used by the application
Vin = 4 V stand by
16
μA
Vin = 4 V TX mode
37
mA
Vin = 4 V RX mode
36
mA
Vin = 4 V CPU only
9
mA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com