Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPMB250-A1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPMB250-A1
Description  MOTIONBEE™ family acceleration sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMB250-A1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPMB250-A1 Datasheet HTML 5Page - STMicroelectronics SPMB250-A1 Datasheet HTML 6Page - STMicroelectronics SPMB250-A1 Datasheet HTML 7Page - STMicroelectronics SPMB250-A1 Datasheet HTML 8Page - STMicroelectronics SPMB250-A1 Datasheet HTML 9Page - STMicroelectronics SPMB250-A1 Datasheet HTML 10Page - STMicroelectronics SPMB250-A1 Datasheet HTML 11Page - STMicroelectronics SPMB250-A1 Datasheet HTML 12Page - STMicroelectronics SPMB250-A1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SPMB250-A1
Board description
Doc ID 15179 Rev 2
9/18
6.4
Pad description
When used on a motherboard the boundary pads on the SPMB250-A1 can be used to get
the connections with the remaining part of the circuit present on the motherboard itself.
The meaning of the pads is listed in the following table:
6.5
LED indicators
Two LED L2 (Led2) and L3 (Led3) are connected to the GPIO of SPZB250 module to be
used to monitor the module activity. Driving pin of L3 is also available as pad out (P10).
Table 4.
Pad description
N.
Pin name
I/O
Description
P1
J1 – Vcc- (GND)
Power GND input voltage supply
P2
J1 – Vcc +
Power Positive input voltage supply
P3
SW2-O
Power Power switch pole connected to the circuit
P4
SW2-I
Power Power switch pole connected to Vin +
P5
GND
Power
P6
SW1 (RESET /
RSTB)
I
Reset push button. Reset occurs when this pad is tied to
GND
P7
GND
Power
P8
GPIO8
I/O
GPIO8 of SPZB250 module
P9
SW3
I
General purpose push button / commissioning push button.
It can used also as I/O pin
P10
L3 – GPIO13
O
Led 3 general purpose (connected to SPZB250 GPIUO13) A
resistor is needed to limit the current
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com