Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF512PUR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEF512PUR
Description  Dual electronic fuse (eFuse) for 5 V and 12 V rails
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512PUR Datasheet(HTML) 3 Page - STMicroelectronics

  STEF512PUR Datasheet HTML 1Page - STMicroelectronics STEF512PUR Datasheet HTML 2Page - STMicroelectronics STEF512PUR Datasheet HTML 3Page - STMicroelectronics STEF512PUR Datasheet HTML 4Page - STMicroelectronics STEF512PUR Datasheet HTML 5Page - STMicroelectronics STEF512PUR Datasheet HTML 6Page - STMicroelectronics STEF512PUR Datasheet HTML 7Page - STMicroelectronics STEF512PUR Datasheet HTML 8Page - STMicroelectronics STEF512PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
2
Pin configuration
Figure 2. Pin connection (top view)
10
1
2
3
EN
VOUT_12
IMON_12
VOUT_5
SS12
VIN_12
SS5
IMON_5
VIN_5
9
4
5
8
7
6
GND
Table 1. Pin description
Symbol
Pin n°
Description
VIN_12
10
12 V rail supply voltage
VIN_5
4
5 V rail supply voltage
VOUT_12
9
12 V rail output voltage
VOUT_5
5
5 V rail output voltage
GND
3
Ground
EN
1
SAS disable input: set this pin logic-low to turn on the device, high to turn off the
device. This pin is internally pulled down via 1 MΩ resistor.
SS5
7
Soft Start adjustment pin for the 5 V rail. A capacitor must be connected between
this pin and GND to program the output voltage slew-rate. Do not leave floating.
SS12
8
Soft-start adjustment pin for the 12 V rail. A capacitor must be connected between
this pin and GND to program the output voltage slew-rate. Do not leave floating.
IMON_5
6
5 V rail current monitor. Connect a resistor between this pin and GND.
IMON_12
2
12 V rail current monitor. Connect a resistor between this pin and GND.
STEF512PUR
Pin configuration
DS13182 - Rev 3
page 3/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com