Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF512PUR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEF512PUR
Description  Dual electronic fuse (eFuse) for 5 V and 12 V rails
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512PUR Datasheet(HTML) 4 Page - STMicroelectronics

  STEF512PUR Datasheet HTML 1Page - STMicroelectronics STEF512PUR Datasheet HTML 2Page - STMicroelectronics STEF512PUR Datasheet HTML 3Page - STMicroelectronics STEF512PUR Datasheet HTML 4Page - STMicroelectronics STEF512PUR Datasheet HTML 5Page - STMicroelectronics STEF512PUR Datasheet HTML 6Page - STMicroelectronics STEF512PUR Datasheet HTML 7Page - STMicroelectronics STEF512PUR Datasheet HTML 8Page - STMicroelectronics STEF512PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
3
Typical application
Figure 3. Typical application diagram
VIN_12
VIN_5
SS12
SS5
VOUT_12
VOUT_5
EN
GND
CIN_12
10µF
COUT_12
10µF
CIN_5
10µF
COUT_5
10µF
ON
OFF
CSS_5
CSS_12
VCC_12
VCC_5
VO_12
VO_5
IMON_5
CMON_5
1nF
IMON_5
RMON_5
RMON_12
CMON_12
1nF
IMON_12
IMON_12
10kΩ
10kΩ
STEF512PUR
Typical application
DS13182 - Rev 3
page 4/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com