Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF14N80K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF14N80K5
Description  N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFETs in TO-220FP and I²PAKFP packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF14N80K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STF14N80K5 Datasheet HTML 1Page - STMicroelectronics STF14N80K5 Datasheet HTML 2Page - STMicroelectronics STF14N80K5 Datasheet HTML 3Page - STMicroelectronics STF14N80K5 Datasheet HTML 4Page - STMicroelectronics STF14N80K5 Datasheet HTML 5Page - STMicroelectronics STF14N80K5 Datasheet HTML 6Page - STMicroelectronics STF14N80K5 Datasheet HTML 7Page - STMicroelectronics STF14N80K5 Datasheet HTML 8Page - STMicroelectronics STF14N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
December 2015
DocID027725 Rev 2
1/16
This is information on a product in full production.
www.st.com
STF14N80K5,
STFI14N80K5
N-
channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5
Power MOSFETs in TO-220FP and I²PAKFP packages
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STF14N80K5
800 V
0.445 Ω
12 A
STFI14N80K5
Industry’s lowest R
DS(on) x area
Industry’s best figure of merit (FoM)
Ultra-low gate charge
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
These very high voltage N-channel Power
MO
SFET are designed using MDmesh™ K5
technology based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance and ultra-low gate
charge for applications requiring superior power
density and high efficiency.
Table 1: Device summary
Order code
Marking
Package
Packing
STF14N80K5
14N80K5
TO-220FP
Tube
STFI14N80K5
I²PAKFP (TO-281)
TO-220FP
I2PAKFP (TO-281)
AM15572v1_no_tab
D(2)
G(1)
S(3)


Similar Part No. - STF14N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF14NM50N STMICROELECTRONICS-STF14NM50N Datasheet
1Mb / 26P
N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
07-Feb-2013
logo
Inchange Semiconductor ...
STF14NM50N ISC-STF14NM50N Datasheet
294Kb / 2P
isc N-Channel Mosfet Transistor
logo
STMicroelectronics
STF14NM65N STMICROELECTRONICS-STF14NM65N Datasheet
550Kb / 18P
N-channel 650 V, 0.33 Ω, 12 A MDmesh??II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247
14-Oct-2008
logo
Inchange Semiconductor ...
STF14NM65N ISC-STF14NM65N Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF14N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB14N80K5 STMICROELECTRONICS-STB14N80K5 Datasheet
907Kb / 16P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a D²PAK package
18-Feb-2016
STF17N80K5 STMICROELECTRONICS-STF17N80K5 Datasheet
636Kb / 13P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a TO-220FP package
20-Jan-2016
STF3LN80K5 STMICROELECTRONICS-STF3LN80K5 Datasheet
716Kb / 13P
N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in a TO-220FP package
01-Jul-2016
STF4LN80K5 STMICROELECTRONICS-STF4LN80K5 Datasheet
719Kb / 13P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a TO-220FP package
18-May-2016
STF20N65M5 STMICROELECTRONICS-STF20N65M5_V01 Datasheet
1Mb / 18P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh M5 Power MOSFETs in TO-220FP, I²PAKFP and TO-3PF packages
22-Mar-2017
STFU10N80K5 STMICROELECTRONICS-STFU10N80K5_V01 Datasheet
841Kb / 17P
N-channel 800 V, 0.470 Ω typ., 9 A MDmesh™ K5 Power MOSFETs in a TO-220FP and TO-220FP ultra narrow leads
08-Sep-2016
STP14N80K5 STMICROELECTRONICS-STP14N80K5 Datasheet
725Kb / 14P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220 package
04-Mar-2016
STP9N80K5 STMICROELECTRONICS-STP9N80K5 Datasheet
795Kb / 16P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFETs in a TO-220 and TO-247 packages
26-Jul-2016
STB13N80K5 STMICROELECTRONICS-STB13N80K5_V01 Datasheet
1Mb / 23P
N-channel 800 V, 0.37 Ω typ., 12 A MDmesh™ K5 Power MOSFETs in D²PAK, TO-220FP, TO-220 and TO-247
25-Sep-2017
STFU14N80K5 STMICROELECTRONICS-STFU14N80K5 Datasheet
459Kb / 12P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220FP ultra narrow leads package
10-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com