Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM393FVT Datasheet(PDF) 5 Page - Rohm

Part # LM393FVT
Description  Ground Sense Comparators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393FVT Datasheet(HTML) 5 Page - Rohm

  LM393FVT Datasheet HTML 1Page - Rohm LM393FVT Datasheet HTML 2Page - Rohm LM393FVT Datasheet HTML 3Page - Rohm LM393FVT Datasheet HTML 4Page - Rohm LM393FVT Datasheet HTML 5Page - Rohm LM393FVT Datasheet HTML 6Page - Rohm LM393FVT Datasheet HTML 7Page - Rohm LM393FVT Datasheet HTML 8Page - Rohm LM393FVT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Datasheet
www.rohm.com
TSZ02201-0GOG0G200770-1-2
©2015 ROHM Co., Ltd. All rights reserved.
5/37
15.Jul.2016 Rev.002
TSZ22111
• 15 • 001
LM393xxx
LM339xxx
LM2903xxx
LM2901xxx
Description of Electrical Characteristics
The relevant electrical terms used in this datasheet are described below. Items and symbols used are also shown.
Note
that item names, symbols, and their meanings may differ from those of
another manufacturer’s document or general
document.
1. Absolute Maximum Ratings
Absolute maximum rating items indicate the condition which must not be exceeded. Application of voltage in excess of the
absolute maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of
electrical characteristics.
(1) Supply Voltage (VCC/VEE)
Indicates the maximum voltage that can be applied between the VCC pin and VEE pin without deterioration of
characteristics of internal circuit.
(2) Differential Input Voltage (VID)
Indicates the maximum voltage that can be applied between the non-inverting and inverting pins without damaging
the IC.
(3) Input Common-mode Voltage Range (VICM)
Indicates the maximum voltage that can be applied to the non-inverting and inverting pins without deterioration or
destruction of electrical characteristics. Input common-mode voltage range of the maximum ratings does not assure
normal operation of IC. For normal operation, use the IC within the input common-mode voltage range characteristics.
(4) Power Dissipation (PD)
Indicates the power that can be consumed by the IC when mounted on a specific board at the ambient temperature 25°C
(normal temperature). As for package product, PD is determined by the temperature that can be permitted by the IC in
the package (maximum junction temperature) and the thermal resistance of the package.
2. Electrical Characteristics
(1) Input Offset Voltage (VIO)
Indicates the voltage difference between non-inverting pin and inverting pin. It can be translated to the input voltage
difference required for setting the output voltage to 0V.
(2) Input Offset Current (IIO)
Indicates the difference of input bias current between the non-inverting and inverting pins.
(3) Input Bias Current (IB)
Indicates the current that flows into or out of the input pin. It is defined by the average of input bias currents at the
non-inverting and inverting pins.
(4) Input Common-mode Voltage Range (VICM)
Indicates the input voltage range at which IC normally operates.
(5) Large Signal Voltage Gain (AV)
Indicates the amplification rate (gain) of output voltage against the voltage difference between non-inverting pin and
inverting pin. It is normally the amplification rate (gain) with reference to DC voltage.
Av = (Output Voltage) / (Differential Input Voltage)
(6) Supply Current (ICC)
Indicates the current that flows within the IC under specified no-load conditions.
(7) Output Sink Current (ISINK)
The maximum current that the IC can output under specific output conditions
(8) Output Saturation Voltage, Low Level Output Voltage (VOL)
Signifies the voltage range that can be output under specific output conditions.
(9) Output Leakage Current, High Level Output Current (ILEAK)
Indicates the current that flows into the IC under specific input and output conditions.
(10) Response Time (tRE)
Response time indicates the delay time between the input and output signal which is determined by the time
difference from the fifty percent of input signal swing to the fifty percent of output signal swing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com