Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM393FVT Datasheet(PDF) 8 Page - Rohm

Part # LM393FVT
Description  Ground Sense Comparators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393FVT Datasheet(HTML) 8 Page - Rohm

Back Button LM393FVT Datasheet HTML 4Page - Rohm LM393FVT Datasheet HTML 5Page - Rohm LM393FVT Datasheet HTML 6Page - Rohm LM393FVT Datasheet HTML 7Page - Rohm LM393FVT Datasheet HTML 8Page - Rohm LM393FVT Datasheet HTML 9Page - Rohm LM393FVT Datasheet HTML 10Page - Rohm LM393FVT Datasheet HTML 11Page - Rohm LM393FVT Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Datasheet
www.rohm.com
TSZ02201-0GOG0G200770-1-2
©2015 ROHM Co., Ltd. All rights reserved.
8/37
15.Jul.2016 Rev.002
TSZ22111
• 15 • 001
LM393xxx
LM339xxx
LM2903xxx
LM2901xxx
Typical Performance Curves - continued
○LM393xxx, LM2903xxx
(*) The above data are measurement values of a typical sample, it is not guaranteed.
LM393xxx: -40°C to +85°C
LM2903xxx: -40°C to +125°C
0
20
40
60
80
100
120
140
160
-50
-25
0
25
50
75
100
125
150
Ambient Temperature [°C]
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
10
20
30
40
Supply Voltage [V]
0
20
40
60
80
100
120
140
160
0
10
20
30
40
Supply Voltage [V]
3V
5V
36V
Figure 9. Input Bias Current vs Supply Voltage
Figure 10. Input Bias Current vs Ambient
Temperature
Figure 11. Input Offset Current vs Supply Voltage
-40
℃
25
℃
85
℃
-40
℃
25
℃
85
℃
-50
-40
-30
-20
-10
0
10
20
30
40
50
-50
-25
0
25
50
75
100
125
150
Ambient Temperature [°C]
3V
5V
36V
Figure 12. Input Offset Current vs Ambient
Temperature
125
℃
125
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com