Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGF20M65DF2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGF20M65DF2
Description  Trench gate field-stop, M series, 650 V, 20 A, low-loss IGBT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF20M65DF2 Datasheet(HTML) 5 Page - STMicroelectronics

  STGF20M65DF2 Datasheet HTML 1Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 2Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 3Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 4Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 5Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 6Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 7Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 8Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Power dissipation vs case temperature
IGBT30101520M65FPDT
30
25
20
15
10
5
0
-50
0
50
100
150
P TOT
(W)
TC (°C)
VGE ≥ 15 V, TJ ≤ 175 °C
Figure 2. Collector current vs case temperature
IGBT29101520M65FCCT
20
15
10
5
0
-50
0
50
100
150
IC
(A)
TC (°C)
VGE ≥ 15 V, TJ ≤ 175 °C
Figure 3. Output characteristics (TJ = 25 °C)
IGBT29101520M65FOC25
60
40
20
0
0
1
2
3
4
5
I C
(A)
V CE (V)
V GE = 15 V
9 V
11 V
13 V
7 V
Figure 4. Output characteristics (TJ = 175 °C)
IGBT29101520M65FOC175
60
40
20
0
0
1
2
3
4
5
I C
(A)
V CE (V)
7 V
9 V
13 V
11 V
15 V
V GE =
Figure 5. VCE(sat) vs junction temperature
IGBT29101520M65FVCET
3.0
2.6
2.2
1.8
1.4
1
-50
0
50
100
150
V CE(SAT)
(V)
T J (°C)
V GE = 15 V
I C =10 A
I C =20 A
I C =40 A
Figure 6. VCE(sat) vs collector current
3.0
2.6
2.2
1.8
1.4
1.0
0.6
0
10
20
30
40
I C (A)
IGBT29101520M65FVCEC
V CE(SAT)
(V)
V GE = 15 V
T j = 175 °C
T j = - 40 °C
T j = 25 °C
STGF20M65DF2
Electrical characteristics (curves)
DS11363 - Rev 4
page 5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com