Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGF20M65DF2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGF20M65DF2
Description  Trench gate field-stop, M series, 650 V, 20 A, low-loss IGBT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF20M65DF2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGF20M65DF2 Datasheet HTML 4Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 5Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 6Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 7Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 8Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 9Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 10Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 11Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Figure 19. Short-circuit time and current vs VGE
IGBT29101520M65FSCV
20
15
10
5
0
130
100
70
40
10
9
10
11
12
13
14
15
t sc
(µs)
V GE (V)
I SC
(A)
V CC ≤ 400 V
T j ≤ 150 °C
I SC
t SC
Figure 20. Switching times vs collector current
IGBT30101520M65FSTC
10 2
10 1
10 0
0
10
20
30
40
t
(ns)
IC (A)
VCC = 400 V, VGE = 15 V, RG = 12 Ω, Tj = 175°C
t f
t d(off)
t d(on)
t r
Figure 21. Switching times vs gate resistance
IGBT29101520M65FSTR
10 2
10 1
10 0
0
40
80
120
t
(ns)
RG (Ω)
VCC = 400 V, VGE = 15 V, IC = 20 A, Tj = 175 °C
t f
t r
t d(off)
t d(on)
Figure 22. Reverse recovery current vs diode current
slope
IGBT29101520M65FRRC
35
25
15
5
200
800
1400
2000
I rrm
(A)
di/dt (A/µs)
VCC = 400 V, VGE = 15 V, IF = 20 A, TJ = 175 °C
Figure 23. Reverse recovery time vs diode current slope
IGBT20101520M65FRRT
350
300
250
200
150
200
800
1400
2000
t rr
(ns)
di/dt (A/µs)
VCC = 400 V, VGE = 15 V, IF = 20 A, TJ = 175 °C
Figure 24. Reverse recovery charge vs diode current
slope
IGBT29101520M65FRRQ
2.1
2.05
2
1.95
200
800
1400
2000
Q rr
(µC)
di/dt (A/µs)
VCC = 400 V, VGE = 15 V, IF = 20 A, TJ = 175 °C
STGF20M65DF2
Electrical characteristics (curves)
DS11363 - Rev 4
page 8/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com