Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW60H65F Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGW60H65F
Description  60 A, 650 V field stop trench gate IGBT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H65F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGW60H65F Datasheet HTML 6Page - STMicroelectronics STGW60H65F Datasheet HTML 7Page - STMicroelectronics STGW60H65F Datasheet HTML 8Page - STMicroelectronics STGW60H65F Datasheet HTML 9Page - STMicroelectronics STGW60H65F Datasheet HTML 10Page - STMicroelectronics STGW60H65F Datasheet HTML 11Page - STMicroelectronics STGW60H65F Datasheet HTML 12Page - STMicroelectronics STGW60H65F Datasheet HTML 13Page - STMicroelectronics STGW60H65F Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
STGW60H65F, STGWT60H65F
Revision history
Doc ID 019012 Rev 5
13/14
5
Revision history
Table 10.
Document revision history
Date
Revision
Changes
05-Jul-2011
1
Initial release.
12-Jan-2012
2
Document status promoted from preliminary data to datasheet.
10-Feb-2012
3
Added:
Section 2.1: Electrical characteristics (curves).
31-Jul-2012
4
Updated:
Figure 8 on page 6.
09-Jan-2013
5
Added: new order code STGWT60H65F, package mechanical data
Table 9 on page 11 and Figure 21 on page 12.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com