Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW60H65F Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGW60H65F
Description  60 A, 650 V field stop trench gate IGBT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H65F Datasheet(HTML) 4 Page - STMicroelectronics

  STGW60H65F Datasheet HTML 1Page - STMicroelectronics STGW60H65F Datasheet HTML 2Page - STMicroelectronics STGW60H65F Datasheet HTML 3Page - STMicroelectronics STGW60H65F Datasheet HTML 4Page - STMicroelectronics STGW60H65F Datasheet HTML 5Page - STMicroelectronics STGW60H65F Datasheet HTML 6Page - STMicroelectronics STGW60H65F Datasheet HTML 7Page - STMicroelectronics STGW60H65F Datasheet HTML 8Page - STMicroelectronics STGW60H65F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STGW60H65F, STGWT60H65F
4/14
Doc ID 019012 Rev 5
Table 6.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
(1)
tr
(1)
(di/dt)on
(1)
1.
Eon is the turn-on losses when a SiC diode (STPSC1206D) is used in the test circuit in
Figure 17. If the
IGBT is offered in a package with a co-pack diode, the co-pack diode is used as external diode. IGBTs and
diode are at the same temperature (25 °C and 125 °C).
Turn-on delay time
Current rise time
Turn-on current slope
VCE = 400 V, IC = 60 A,
RG = 10 Ω, VGE = 15 V
-
65
30
2000
-
ns
ns
A/µs
td(on)
(1)
tr
(1)
(di/dt)on
(1)
Turn-on delay time
Current rise time
Turn-on current slope
VCE = 400 V, IC = 60 A,
RG = 10 Ω, VGE = 15 V
TJ = 125 °C
-
63
33
1800
-
ns
ns
A/µs
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCE = 400 V, IC = 60 A,
RG = 10 Ω, VGE = 15 V
-
35
180
43
-
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCE = 400 V, IC = 60 A,
RG = 10 Ω, VGE = 15 V
TJ = 125 °C
-
46
210
85
-
ns
ns
ns
Table 7.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon (1)
Eoff
(2)
Ets
1.
Eon is the turn-on losses when a SiC diode (STPSC1206D) is used in the test circuit in
Figure 17. If the
IGBT is offered in a package with a co-pack diode, the co-pack diode is used as external diode. IGBTs and
diode are at the same temperature (25 °C and 125 °C).
2.
Turn-off losses include also the tail of the collector current.
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCE = 400 V, IC = 60 A,
RG = 10 Ω, VGE = 15 V
-
0.75
1.05
1.80
-
mJ
mJ
mJ
Eon (1)
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCE = 400 V, IC = 60 A,
RG = 10 Ω, VGE = 15 V
TJ = 125 °C
-
0.8
1.4
2.2
-
mJ
mJ
mJ
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com