Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STI70N10F4 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STI70N10F4
Description  N-channel 100 V, 0.015 Ω, 60 A, STripFET™ DeepGATE™ Power MOSFET in I2PAK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI70N10F4 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STI70N10F4 Datasheet HTML 2Page - STMicroelectronics STI70N10F4 Datasheet HTML 3Page - STMicroelectronics STI70N10F4 Datasheet HTML 4Page - STMicroelectronics STI70N10F4 Datasheet HTML 5Page - STMicroelectronics STI70N10F4 Datasheet HTML 6Page - STMicroelectronics STI70N10F4 Datasheet HTML 7Page - STMicroelectronics STI70N10F4 Datasheet HTML 8Page - STMicroelectronics STI70N10F4 Datasheet HTML 9Page - STMicroelectronics STI70N10F4 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical characteristics
STI70N10F4
6/12
Doc ID 16292 Rev 1
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature
Figure 7.
Static drain-source on resistance
ID
100
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
100µs
1ms
10ms
Limited
by
m
ax
R
DS
(on)
Oper
ation
in
thi
s
are
a i
s
Tj=175°C
Tc=25°C
Single
pulse
AM05445v1
ID
60
40
20
0
0
4
VDS(V)
8
(A)
2
6
80
100
120
140
160
5V
6V
VGS=10V
AM03168v1
ID
120
80
40
0
0
4
VGS(V)
8
(A)
2
6
160
VDS=6V
AM03169v1
BVDSS
-75
TJ(°C)
(norm)
-25
75
25
100
0.8
0.9
1.0
1.1
125
VGS=0
ID=250µA
AM03170v1
RDS(on)
13.5
13.0
12.5
12.0
0
10
ID(A)
(m
Ω)
5
15
14.0
14.5
15.0
15.5
VGS=10V
25
20
30
35
AM03176v1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com