Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL12N10F7 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL12N10F7
Description  N-channel 100 V, 11.3 mΩ typ., 12 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL12N10F7 Datasheet(HTML) 5 Page - STMicroelectronics

  STL12N10F7 Datasheet HTML 1Page - STMicroelectronics STL12N10F7 Datasheet HTML 2Page - STMicroelectronics STL12N10F7 Datasheet HTML 3Page - STMicroelectronics STL12N10F7 Datasheet HTML 4Page - STMicroelectronics STL12N10F7 Datasheet HTML 5Page - STMicroelectronics STL12N10F7 Datasheet HTML 6Page - STMicroelectronics STL12N10F7 Datasheet HTML 7Page - STMicroelectronics STL12N10F7 Datasheet HTML 8Page - STMicroelectronics STL12N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Figure 7. Capacitance variations
GADG070620181152CVR
103
102
101
10-1
100
101
C
(pF)
VDS (V)
CISS
COSS
CRSS
Figure 8. Normalized gate threshold voltage vs
temperature
GADG070620181153VTH
1.1
1.0
0.9
0.8
0.7
0.6
-75
-25
25
75
125
VGS(th)
(norm.)
Tj (°C)
ID = 250 µA
Figure 9. Normalized on-resistance vs temperature
GADG070620181154RON
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-75
-25
25
75
125
RDS(on)
(norm.)
TJ (°C)
VGS = 10 V
ID = 6 A
Figure 10. Normalized V(BR)DSS vs temperature
GADG070620181154BDV
1.04
1.02
1.00
0.98
0.96
0.94
-75
-25
25
75
125
V(BR)DSS
(norm.)
TJ (°C)
ID = 1 mA
Figure 11. Source-drain diode forward characteristics
GADG070620181154SDF
0.9
0.8
0.7
0.6
0.5
0.4
0
2
4
6
8
10
VSD
(V)
ISD (A)
TJ = 150 °C
TJ = 25 °C
TJ = -55 °C
STL12N10F7
Electrical characteristics (curves)
DS12044 - Rev 2
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com