Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL260N4F7 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL260N4F7
Description  N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL260N4F7 Datasheet(HTML) 5 Page - STMicroelectronics

  STL260N4F7 Datasheet HTML 1Page - STMicroelectronics STL260N4F7 Datasheet HTML 2Page - STMicroelectronics STL260N4F7 Datasheet HTML 3Page - STMicroelectronics STL260N4F7 Datasheet HTML 4Page - STMicroelectronics STL260N4F7 Datasheet HTML 5Page - STMicroelectronics STL260N4F7 Datasheet HTML 6Page - STMicroelectronics STL260N4F7 Datasheet HTML 7Page - STMicroelectronics STL260N4F7 Datasheet HTML 8Page - STMicroelectronics STL260N4F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG030420191021SOA
10 2
10 1
10 0
10 -1
10 -1
10 0
10 1
ID
(A)
VDS (V)
tp = 100µs
tp = 1ms
tp = 10ms
T j ≤175 °C
T c = 25°C
single pulse
Operation in this area is
limited by R DS(on)
Figure 2. Thermal impedance
GIP101215OD48A1LZTH
10 -1
10 -2
10 -5
10 -4
10 -3
10 -2
10 -1
K
tp (s)
0.05
Figure 3. Output characteristics
GADG020420191422OCH
100
80
60
40
20
0
0
2
4
6
ID
(A)
VDS (V)
V GS = 5 V
V GS = 4 V
V GS = 4.5 V
V GS = 6,7,8,9,10 V
Figure 4. Transfer characteristics
GADG020420191423TCH
100
80
60
40
20
0
2
3
4
ID
(A)
VGS (V)
V DS = 8 V
Tj = 175 °C
Tj = 25 °C
Tj = -55 °C
Figure 5. Gate charge vs gate-source voltage
GADG030420191739QVG
12
10
8
6
4
2
0
0
20
40
60
80
VGS
(V)
Qg (nC)
VDD = 20 V, ID = 48 A
Figure 6. Static drain-source on-resistance
GIPG101215OD48A1LRID
1.1
1.0
0.9
0.8
0.7
0.6
0
10
20
30
40
50
R DS(on)
(mΩ)
I D (A)
V GS = 10 V
STL260N4F7
Electrical characteristics (curves)
DS11198 - Rev 5
page 5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com