Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL260N4F7 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STL260N4F7
Description  N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL260N4F7 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STL260N4F7 Datasheet HTML 8Page - STMicroelectronics STL260N4F7 Datasheet HTML 9Page - STMicroelectronics STL260N4F7 Datasheet HTML 10Page - STMicroelectronics STL260N4F7 Datasheet HTML 11Page - STMicroelectronics STL260N4F7 Datasheet HTML 12Page - STMicroelectronics STL260N4F7 Datasheet HTML 13Page - STMicroelectronics STL260N4F7 Datasheet HTML 14Page - STMicroelectronics STL260N4F7 Datasheet HTML 15Page - STMicroelectronics STL260N4F7 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Revision history
Table 8. Document revision history
Date
Revision
Changes
10-Aug-2015
1
Initial release.
24-Sep-2015
2
Updated Title.
Updated section Electrical characteristics.
Minor text changes.
09-Jun-2016
3
Modified: title and features table in cover page
Modified: Table 2: "Absolute maximum ratings", Table 4: "On /off states", Table 5:
"Dynamic", Table 6: "Switching times" and Table 7: "Source drain diode"
Minor text changes
21-Jan-2019
4
Modified Table 4. Dynamic, Table 5. Switching times and Table 6. Source-drain diode.
Modified Figure 1. Safe operating area, Figure 2. Thermal impedance,
Figure 4. Transfer characteristics, Figure 5. Gate charge vs gate-source voltage,
Figure 7. Capacitance variations, Figure 9. Normalized V(BR)DSS vs temperature and
Figure 10. Normalized gate threshold voltage vs temperature.
Updated Section 4.1 PowerFLAT™ 5x6 type C package information.
Minor text changes.
03-Apr-2019
5
Updated Table 4. Dynamic, Table 5. Switching times and Table 6. Source-drain diode.
Updated Figure 1. Safe operating area, Figure 3. Output characteristics,
Figure 4. Transfer characteristics, Figure 5. Gate charge vs gate-source voltage and
Figure 9. Normalized V(BR)DSS vs temperature.
STL260N4F7
DS11198 - Rev 5
page 14/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com