Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1844 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1844
Description  High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1844 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1844 Datasheet HTML 7Page - Maxim Integrated Products MAX1844 Datasheet HTML 8Page - Maxim Integrated Products MAX1844 Datasheet HTML 9Page - Maxim Integrated Products MAX1844 Datasheet HTML 10Page - Maxim Integrated Products MAX1844 Datasheet HTML 11Page - Maxim Integrated Products MAX1844 Datasheet HTML 12Page - Maxim Integrated Products MAX1844 Datasheet HTML 13Page - Maxim Integrated Products MAX1844 Datasheet HTML 14Page - Maxim Integrated Products MAX1844 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
battery supply, the enable signal (SHDN) must be
delayed until the battery voltage is present in order to
ensure startup. The 5V bias supply provides VCC and
gate-drive power, so the maximum current drawn is:
IBIAS = ICC + f (QG1 + QG2) = 5mA to 30mA (typ)
where ICC is 550µA (typ), f is the switching frequency,
and QG1 and QG2 are the MOSFET data sheet total
gate-charge specification limits at VGS = 5V.
Free-Running, Constant-On-Time PWM
Controller with Input Feed-Forward
The Quick-PWM control architecture is a pseudo-fixed-fre-
quency, constant-on-time on-demand PWM with voltage
feed-forward (Figure 2). This architecture relies on the out-
put filter capacitor’s ESR to act as a current-sense resistor,
so the output ripple voltage provides the PWM ramp sig-
nal. The control algorithm is simple: the high-side switch
on-time is determined solely by a one-shot whose pulse
High-Speed Step-Down Controller with
Accurate Current Limit for Notebook Computers
______________________________________________________________________________________
11
Figure 2. MAX1844 Functional Diagram
REF
-10%
FROM
OUT
REF
FB
ERROR
AMP
TOFF
TON
REF
+10%
FEEDBACK
MUX
(SEE FIGURE 6)
CHIP
SUPPLY
x2
1.0V
R
0.1V
POR
OVP
9R
ILIM
VCC - 1V
VCC - 1V
VCC - 1V
SHDN
PGOOD
ON-TIME
COMPUTE
TON
1-SHOT
1-SHOT
TRIG
IN
2V TO 28V
TRIG
Q
Q
S
R
2V
REF
REF
5V
OUTPUT
DL
CS
GND
VCC
VDD
LX
ZERO CROSSING
CURRENT
LIMIT
DH
BST
5V
+5V
Q
SKIP
TON
LATCH
V+
Σ
MAX1844
S
R
Q
0.7V
1.14V
UVP
20ms
TIMER
OVP/UVP
LATCH
0.1V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com