Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1844 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX1844
Description  High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1844 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX1844 Datasheet HTML 16Page - Maxim Integrated Products MAX1844 Datasheet HTML 17Page - Maxim Integrated Products MAX1844 Datasheet HTML 18Page - Maxim Integrated Products MAX1844 Datasheet HTML 19Page - Maxim Integrated Products MAX1844 Datasheet HTML 20Page - Maxim Integrated Products MAX1844 Datasheet HTML 21Page - Maxim Integrated Products MAX1844 Datasheet HTML 22Page - Maxim Integrated Products MAX1844 Datasheet HTML 23Page - Maxim Integrated Products MAX1844 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
High-Speed Step-Down Controller with
Accurate Current Limit for Notebook Computers
20
______________________________________________________________________________________
Dropout Design Example:
VOUT = 2.5V
fsw = 300kHz
K = 1.8µs, worst-case K = 2.97µs
tOFF(MIN) = 500ns
VDROP1 = VDROP2 = 100mV
h = 1.5
Calculating again with h = 1 gives the absolute limit of
dropout:
V
VV
s
s
VV
V
IN MIN
()
..
.
.
.
.
.
=
+
()
µ×
µ
+=
25
01
1
05
1
297
01
01
313
-
-
V
VV
s
s
VV
V
IN MIN
()
..
.
.
.
..
.
=
+
()
µ×
µ
+=
25
01
1
05
15
297
01
01
348
-
-
AGND PLANE
PGND
PLANE
VIA TO IC OUT
POWER
GROUND
VIA TO IC
CS PIN
VDD
BYPASS
REF
BYPASS
VCC
BYPASS
USE AGND PLANE TO:
- BYPASS VCC AND REF
- TERMINATE EXTERNAL FB, ILIM,
OVP, UVP DIVIDERS
- PIN-STRAP CONTROL INPUTS
USE PGND PLANE TO:
- BYPASS VDD
- CONNECT IC GND PIN
TO TOP-SIDE POWER GROUND
VIA TO POWER
GROUND
TOP SIDE
BOTTOM SIDE
VOUT
L1
C1
C2
D1
Q1
VIN
Q2
Q
VIA RS
VIA TO PGND PLANE
AND IC GND PIN
Figure 9. Power-Stage PC Board Layout Example
Table 5. Approximate K-Factor Errors
TON
SETTING
(kHz)
APPROXIMATE
K-FACTOR
ERROR (%)
MINIMUM VIN
AT VOUT = 2V
(V)
200
±10
2.6
300
±10
2.9
450
±12.5
3.2
600
±12.5
3.6
K
FACTOR
(µs)
5
3.3
2.2
1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com