Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL08 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # PL08
Description  GENERAL PURPOSE RELAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PL08 Datasheet(HTML) 7 Page - Omron Electronics LLC

  PL08 Datasheet HTML 1Page - Omron Electronics LLC PL08 Datasheet HTML 2Page - Omron Electronics LLC PL08 Datasheet HTML 3Page - Omron Electronics LLC PL08 Datasheet HTML 4Page - Omron Electronics LLC PL08 Datasheet HTML 5Page - Omron Electronics LLC PL08 Datasheet HTML 6Page - Omron Electronics LLC PL08 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
MK
MK
Type
Contact form
Coil ratings
Contact ratings
MK2P-I, -S
DPDT
6 to 250 VAC
10 A, 250 VAC, Resistive
6 to 110 VDC
10 A, 28 VDC, Resistive
7 A, 250 VAC, Inductive
MK3P5-I, -S
3PDT
6 to 250 VAC
10 A, 120 VAC, Resistive
6 to 110 VDC
10 A, 28 VDC, Resistive
10 A, 250 VAC, Resistive
7 A, 250 VAC, Inductive
APPROVALS
UL (File No. E41515)/CSA (File Nos. LR41408 and LR335535)
Note:
1. The rated values approved by each of the safety standards (e.g., UL and CSA) may be different from the performance
characteristics individually defined in this catalog.
2. VDE, Nemko and Semko versions are available. Please consult your OMRON representative for further information.
3. In the interest of product improvement, specifications are subject to change.
Type
Contact form
Coil ratings
Contact ratings
MK2P-I, -S
DPDT
6 to 110 VDC
10 A, 250 VAC (NO) (cos
ø = 1)
5 A, 250 VAC (NC) (cos
ø = 1)
10 A, 280 VDC (NO)
MK3P5-I, -S
3PDT
6 to 240 VAC
5 A, 280 VDC (NC)
7 A, 250 VAC (cos
ø = 0.4)
SEV, DEMKO
Type
Contact form
Coil ratings
Contact ratings
MK2P-I, -S
DPDT
6, 12, 24, 48,
10 A, 250 VAC (NO) (cos
ø = 1)
100, 110 VDC
5 A, 250 VAC (NC) (cos
ø = 1)
10 A, 280 VDC (NO)
MK3P5-I, -S
3PDT
6, 12, 24, 50,
5 A, 280 VDC (NC)
110, 115, 120,
7 A, 250 VAC (cos
ø = 0.4)
200, 220, 230,
240 VAC
TUV (File No. R9051410)
OMRON ELECTRONICS, INC.
OMRON CANADA, INC.
One East Commerce Drive
885 Milner Avenue
Schaumburg, IL 60173
Scarborough, Ontario M1B 5V8
1-800-55-OMRON
416-286-6465
Cat. No. GC RLY7
01/00
Specifications subject to change without notice.
Printed in the U.S.A.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com