Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL08 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # PL08
Description  GENERAL PURPOSE RELAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PL08 Datasheet(HTML) 6 Page - Omron Electronics LLC

  PL08 Datasheet HTML 1Page - Omron Electronics LLC PL08 Datasheet HTML 2Page - Omron Electronics LLC PL08 Datasheet HTML 3Page - Omron Electronics LLC PL08 Datasheet HTML 4Page - Omron Electronics LLC PL08 Datasheet HTML 5Page - Omron Electronics LLC PL08 Datasheet HTML 6Page - Omron Electronics LLC PL08 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
MK
MK
ACCESSORIES (continued)
Mounting tracks
PFP-100N/PFP-50N
PFP-100N2
(conforming to DIN EN 500022)
(conforming to DIN EN 500022)
Note:
1. *This dimension applies to mounting track PFP-50N.
2. A total of twelve 25 x 4.50 mm (0.98 x 0.18 in) elliptic holes is provided with six holes cut from each rail end at a pitch of
10 mm (0.39 in) holes.
PFP-M end plate
Note:
Use of Type PFP-M end plate is recommended to secure the socket on the mounting track. Be sure that the engraved arrow
mark on the surface of the end plate faces upward and then tighten the screw firmly with a screwdriver.
Unit: mm (inch)
Back connecting socket
Printed circuit
MK3 sockets (11 pin)
board socket
PL11 (UL File No. E87929)
PL11-Q
PLE11-0
Solder terminals
Wire wrap terminals
Mounting holes
PL11 type sockets and MK3 relay
Recommended PCB layout
PL11
Total height dimension
PLE11-0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com