Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0621 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATR0621
Description  GPS Baseband Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0621 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATR0621 Datasheet HTML 5Page - ATMEL Corporation ATR0621 Datasheet HTML 6Page - ATMEL Corporation ATR0621 Datasheet HTML 7Page - ATMEL Corporation ATR0621 Datasheet HTML 8Page - ATMEL Corporation ATR0621 Datasheet HTML 9Page - ATMEL Corporation ATR0621 Datasheet HTML 10Page - ATMEL Corporation ATR0621 Datasheet HTML 11Page - ATMEL Corporation ATR0621 Datasheet HTML 12Page - ATMEL Corporation ATR0621 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
4890AS–GPS–09/05
ATR0621 [Preliminary]
SPI
SCK
SPI Clock
I/O
PIO-controlled after reset
MOSI
Master Out Slave In
I/O
PIO-controlled after reset
MISO
Master In Slave Out
I/O
PIO-controlled after reset
NSS/NPCS0
Slave Select
I/O
Low
PIO-controlled after reset
NPCS1-3
Slave Select
Output
Low
PIO-controlled after reset
WD
NWD_OVF
Watchdog Timer Overflow
Output
PIO-controlled after reset
PIO
P0-31
Programmable I/O Port
I/O
Input after reset
GPS
GPSMODE0-12
GPS Mode
Input
PIO-controlled after reset
SIGHI1
Digital IF
Input
Interface to ATR0600
SIGLO1
Digital IF
Input
Interface to ATR0600
SIGHI2
Digital IF
Input
PIO-controlled after reset
SIGLO2
Digital IF
Input
PIO-controlled after reset
TIMEPULSE
GPS synchronized time pulse
Output
PIO-controlled after reset
JTAG/ICE
TMS
Test Mode Select
Input
Internal pull-up resistor
TDI
Test Data In
Input
Internal pull-up resistor
TDO
Test Data Out
Output
TCK
Test Clock
Input
Internal pull-up resistor
NTRST
Test Reset Input
Input
Low
Internal pull-down resistor
DBG_EN
Debug Enable
Input
Internal pull-down resistor
CLOCK
CLK23
Clock Input
Input
Interface to ATR0600, Schmitt
trigger input
MCLK_OUT
Master Clock Output
Output
PIO-controlled after reset
RESET
NRESET
Reset Input
I/O
Low
Open drain with internal pull-up
resistor
POWER
VDD18
Power
Core voltage 1.8V
VBAT18
Power
Backup power 1.8V
VDDIO
Power
Variable I/O voltage
VDD_USB
Power
USB voltage 3.0V to 3.6V
GND
Power
Ground
LDOBAT
LDOBAT_IN
Power
1.8V to 3.6V
VBAT
Power
1.95V to 3.6V
VBAT18
Out
1.8V backup voltage
LDO18
LDO_IN
LDO In
Power
1.65V to 3.6V
LDO_OUT
LDO Out
Power
1.8V core voltage, max. 100 mA
LDO_EN
LDO Enable
Input
Table 3-2.
ATR0621 Signal Description (Continued)
Module
Name
Function
Type
Active Level Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com