Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0621 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATR0621
Description  GPS Baseband Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0621 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATR0621 Datasheet HTML 12Page - ATMEL Corporation ATR0621 Datasheet HTML 13Page - ATMEL Corporation ATR0621 Datasheet HTML 14Page - ATMEL Corporation ATR0621 Datasheet HTML 15Page - ATMEL Corporation ATR0621 Datasheet HTML 16Page - ATMEL Corporation ATR0621 Datasheet HTML 17Page - ATMEL Corporation ATR0621 Datasheet HTML 18Page - ATMEL Corporation ATR0621 Datasheet HTML 19Page - ATMEL Corporation ATR0621 Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
4890AS–GPS–09/05
ATR0621 [Preliminary]
P19/SIGLO2/GPSMODE6
Pull-up resistor to VDD18 or pull-down resistor to GND if used as input by user application; connect to
GND or VDD18 if unused or used as GPSMODE pin only. See GPSMODE definitions in “Setting
GPSMODE0 to GPSMODE12” on page 10. Can be left open if not used as GPSMODE pin and
configured as output by user application.
P20/SCK2/TIMEPULSE
Output in default ROM firmware: leave open; only needs pull-up resistor to VDD18 or pull-down resistor
to GND if used as GPIO input by user application and not always driven from external sources.
P21/TXD2
Output in default ROM firmware: leave open; only needs pull-up resistor to VDD18 or pull-down resistor
to GND if used as GPIO input by user application and not always driven from external sources.
P22/RXD2
Pull-up resistor to VDD18 or connect to VDD18 if unused. Pull-down resistor also possible if used as
GPIO input by user application. Never leave open.
P23/SCK/GPSMODE7
Pull-up resistor to VDD18 or pull-down resistor to GND if used as input by user application; connect to
GND or VDD18 if unused or used as GPSMODE pin only. See GPSMODE definitions in “Setting
GPSMODE0 to GPSMODE12” on page 10. Can be left open if not used as GPSMODE pin and
configured as output by user application.
P24/MOSI/GPSMODE8
Pull-up resistor to VDD18 or pull-down resistor to GND if used as input by user application; connect to
GND or VDD18 if unused or used as GPSMODE pin only. See GPSMODE definitions in “Setting
GPSMODE0 to GPSMODE12” on page 10. Can be left open if not used as GPSMODE pin and
configured as output by user application.
P25/MISO/GPSMODE9
Pull-up resistor to VDD18 or pull-down resistor to GND if used as input by user application; connect to
GND or VDD18 if unused or used as GPSMODE pin only. See GPSMODE definitions in “Setting
GPSMODE0 to GPSMODE12” on page 10. Can be left open if not used as GPSMODE pin and
configured as output by user application.
P26/NSS/NPCS0/
GPSMODE10
Pull-up resistor to VDD18 or pull-down resistor to GND if used as input by user application; connect to
GND or VDD18 if unused or used as GPSMODE pin only. See GPSMODE definitions in “Setting
GPSMODE0 to GPSMODE12” on page 10. Use pull-up resistor to VDD18, if SPI is used. Never leave
open.
P27/NPCS1/GPSMODE11
Pull-up resistor to VDD18 or pull-down resistor to GND if used as input by user application; connect to
GND or VDD18 if unused or used as GPSMODE pin only. See GPSMODE definitions in “Setting
GPSMODE0 to GPSMODE12” on page 10. Can be left open if not used as GPSMODE pin and
configured as output by user application.
P28/EM_A20/NPCS2
Output in default ROM firmware: leave open; only needs pull-up resistor to VDD18 or pull-down resistor
to GND if used as GPIO input by user application and not always driven from external sources.
P29/NPCS3/GPSMODE12
Pull-up resistor to VDD18 or pull-down resistor to GND if used as input by user application; connect to
GND or VDD18 if unused or used as GPSMODE pin only. See GPSMODE definitions in “Setting
GPSMODE0 to GPSMODE12” on page 10. Can be left open if not used as GPSMODE pin and
configured as output by user application.
P30/AGCOUT0
Internal pull-up resistor, leave open.
P31/RXD1
Pull-up resistor to VDD18 or connect to VDD18 if unused. Pull-down resistor also possible if used as
GPIO input by user application. Never leave open.
EM_DA0 to EM_DA15
If no external memory is used, can be left open (internal pull-down). If an external memory is connected
to these pins, a defined level is needed when all external memories are inactive.
Table 3-15.
Recommended Pin Connection (Continued)
Pin Name
Recommended External Circuit
Note:
“Never leave open” means: This pin needs a defined level, even if VDD18 is not supplied and system is in backup mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com