Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88195P Datasheet(PDF) 8 Page - ASIX Electronics Corporation

Part # AX88195P
Description  10/100BASE Local CPU Bus Fast Ethernet MAC Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88195P Datasheet(HTML) 8 Page - ASIX Electronics Corporation

Back Button AX88195P Datasheet HTML 4Page - ASIX Electronics Corporation AX88195P Datasheet HTML 5Page - ASIX Electronics Corporation AX88195P Datasheet HTML 6Page - ASIX Electronics Corporation AX88195P Datasheet HTML 7Page - ASIX Electronics Corporation AX88195P Datasheet HTML 8Page - ASIX Electronics Corporation AX88195P Datasheet HTML 9Page - ASIX Electronics Corporation AX88195P Datasheet HTML 10Page - ASIX Electronics Corporation AX88195P Datasheet HTML 11Page - ASIX Electronics Corporation AX88195P Datasheet HTML 12Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
ASIX ELECTRONICS CORPORATION
8
AX88195 Local CPU Bus Fast Ethernet MAC Controller
1.3.3 AX88195 Pin Connection Diagram for MC68K Mode
Fig - 5 AX88195 Pin Connection Diagram for MC68K Mode
123
118
122
54
41
LVDD
117
57
42
VSS
107
105
63
60
LCLK/XTALIN
HVDD
128
115
112
61
33
111
43
109
106
62
49
LVDD
58
56
55
45
VSS
53
116
113
59
36
34
124
108
NC
126
119
110
121
46
52
44
39
51
127
125
120
114
38
48
47
35
VSS
VSS
40
37
50
AX88195
LOCAL CPU BUS
10/100BASE MAC
CONTROLLER
(for 68K Interface)
103
104
98
97
99
100
102
101
VSS
LVDD
MEMD[14]
MEMD[15]
MEMA[1]
MEMA[2]
MEMA[3]
MEMA[4]
MEMA[5]
MEMA[6]
MEMA[7]
MEMA[8]
MEMA[9]
MEMA[10]
MEMA[11]
MEMA[12]
MEMA[13]
MEMA[14]
MEMA[15]
/MEMRD
/MEMWR
SD[0]
SD[1]
SD[2]
SD[3]
SD[4]
RESET
TXD[1]
TXD[2]
TXD[3]
XTALOUT
EEDI
EEDO
EECK
EECS
LVDD
LVDD
VSS
VSS
/RESET
/DTACK
/CS
SAL[0]
SAL[1]
SAL[2]
SAH[1]
SAH[2]
NC
NC
SAX[0]
SAX[1]
SAX[3]
SAX[2]
64
CLKO25M
SAH[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com