Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STNRG011 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STNRG011
Description  Digital combo multi-mode PFC and time-shift LLC resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRG011 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STNRG011 Datasheet HTML 12Page - STMicroelectronics STNRG011 Datasheet HTML 13Page - STMicroelectronics STNRG011 Datasheet HTML 14Page - STMicroelectronics STNRG011 Datasheet HTML 15Page - STMicroelectronics STNRG011 Datasheet HTML 16Page - STMicroelectronics STNRG011 Datasheet HTML 17Page - STMicroelectronics STNRG011 Datasheet HTML 18Page - STMicroelectronics STNRG011 Datasheet HTML 19Page - STMicroelectronics STNRG011 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
During the burst-mode sleep phase, the HS BOOT capacitor discharges. The burst packets always start with a
LVG pulse to recharge the bootstrap capacitor. A fast external bootstrap diode is necessary.
9.4
PFC control and fault management
9.4.1
PFC resources
Table 5. Related pins
Pin name
Description
Level
Function
PFC_CS
PFC MOSFET current sense
0 - 125 mV
6-bit ramp enhanced COT feature
500 mV
OCP1
900 mV
OCP2 fault
PFC_ZCD PFC auxiliary connection for ZCD detection
-
-
PFC_FB Reading for PFC Vout estimation
ADC, 10 bits
-
VAC
Mains line voltage reading
ADC, 10 bits
-
PFC_GD PFC MOSFET gate-driver
-
-
9.4.2
Vin reading
Input line voltage peak (Vin) reading on the VAC pin by the ADC at the AC line peak.
9.4.3
PFC output voltage feedback reading
PFC output voltage reading on the PFC_FB pin by the ADC.
9.4.4
PFC OVP comparator
The PFC OVP comparator sets the limit for the PFC output voltage. It monitors the PFC_FB pin with respect to a
fixed 2.3 V threshold.
9.4.5
PFC RECOT comparator
The PFC RECOT comparator implements the TON adjustment for the ramp enhanced constant on-time (RECOT)
control.
It monitors the PFC_CS pin with respect to a programmable threshold. Its output communicates to the PFC
SMED.
9.4.6
PFC OC1 comparator
The PFC OC1 comparator sets the limit for the operational maximum allowed peak current into the PFC
MOSFET. If the OC1 threshold is hit the PFC_GD is turned off. This protection works cycle by cycle.
It monitors the PFC_CS pin with respect to a fixed 500 mV threshold. Its output communicates to the PFC SMED.
9.4.7
PFC OC2 comparator
The PFC OC2 comparator sets an HW limit for the current flowing into the PFC MOSFET: it triggers the OCP
fault.
It monitors the PFC_CS pin with respect to a fixed 900 mV threshold.
9.4.8
PFC ZCD
The PFC ZCD comparator performs the zero cross detection to implement the soft switching of the PFC
MOSFET.
It monitors the PFC_ZCD pin with respect to two programmable rising and falling thresholds.
Its output communicates to the PFC SMED.
STNRG011
PFC control and fault management
DS12075 - Rev 4
page 16/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com