Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STNRG011 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STNRG011
Description  Digital combo multi-mode PFC and time-shift LLC resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRG011 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STNRG011 Datasheet HTML 13Page - STMicroelectronics STNRG011 Datasheet HTML 14Page - STMicroelectronics STNRG011 Datasheet HTML 15Page - STMicroelectronics STNRG011 Datasheet HTML 16Page - STMicroelectronics STNRG011 Datasheet HTML 17Page - STMicroelectronics STNRG011 Datasheet HTML 18Page - STMicroelectronics STNRG011 Datasheet HTML 19Page - STMicroelectronics STNRG011 Datasheet HTML 20Page - STMicroelectronics STNRG011 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
9.4.9
PFC state machine event driven (SMED)
The PFC high frequency operations are managed by a programmable 8-state ”State Machine Event Driven” (2
coupled 4-state SMEDs).
The SMED controls the PFC MOSFET based on the PFC comparators output and internally controlled counters.
It generates also the comparators' enable signals. It works at 60 MHz.
9.5
PFC algorithm
The PFC operates based on a multi-mode scheme.
A constant on-time (COT) control is implemented; TON is calculated from the PFC feedback and the measured
Vin peak.
TON is calculated and updated at the line cycle valley.
Based on the working PFC's operating state variables the working mode is changed to optimize the overall
efficiency.
9.5.1
Ramp enhanced COT improved (patented)
The PFC control is based on the constant on-time scheme, with a proprietary improved algorithm: the calculated
TON is applied only after the PFC RECOT comparator is triggered to balance the recovery diode energy and the
EMI capacitor current.
The PFC RECOT comparator threshold is adjusted by the core with a 6-bit DAC and allows to apply the
programmed base and ramp (defined by user into NVM).
This feature allows improving the total harmonic distortion (THD) and the power factor (PF) of the application.
9.5.2
Operating modes
The PFC manager changes the operating modes by dynamically reconfiguring the SMEDs, obtaining optimal
performances in term of both efficiency and THD/PF.
•
Transition mode (TM mode)
•
Valley skipping
•
Discontinuous mode (DCM)
9.6
PFC protections
9.6.1
PFC OVP
In case the bulk voltage triggers the PFC OVP comparator, the system enters the fault state; the overvoltage
protection can be programmed as latched or not latched.
The device implements also software overvoltage protection (SW OVP) that allows turning off the PFC until the
next line valley in case the SW OVP threshold is reached. The SW OVP threshold is a NVM parameter.
9.6.2
PFC OCP2
If the PFC OC2 comparator is triggered, the PFC gate is truncated and remains off until the beginning of a
new line half cycle. In case the PFC OC2 comparator is triggered for more than a programmable number of
consecutive half line cycles the device enters the OCP2 fault and it is turned off.
The OCP2 fault can be programmed as latched or not latched.
9.6.3
Surge
When the surge comparator signal is high the PFC MOSFET is turned off and an interrupt is generated. The
device will turn on the PFC MOSFET at the new line half cycle if the surge comparator output is low.
9.6.4
PFC soft-start timeout
If the PFC soft-start is not finished after 1 s the system enters the PFC soft-start timeout fault state and it is turned
off. The fault is not latched.
STNRG011
PFC algorithm
DS12075 - Rev 4
page 17/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com