Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS108-8SA Datasheet(PDF) 8 Page - STMicroelectronics

Part # ACS108-8SA
Description  0.8 A - 800 V overvoltage protected AC switch (ACS™)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-8SA Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ACS108-8SA Datasheet HTML 4Page - STMicroelectronics ACS108-8SA Datasheet HTML 5Page - STMicroelectronics ACS108-8SA Datasheet HTML 6Page - STMicroelectronics ACS108-8SA Datasheet HTML 7Page - STMicroelectronics ACS108-8SA Datasheet HTML 8Page - STMicroelectronics ACS108-8SA Datasheet HTML 9Page - STMicroelectronics ACS108-8SA Datasheet HTML 10Page - STMicroelectronics ACS108-8SA Datasheet HTML 11Page - STMicroelectronics ACS108-8SA Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
clamping voltage VCL. The energy stored in the inductance of the load is dissipated in the clamping section that is
designed for this purpose. When the energy has been dissipated, the ACS voltage falls back to the mains voltage
value (230 V rms, 50 Hz) ⑤.
Figure 14. Switching off of a high inductive load - typical clamping capability of ACS108 (Tamb = 25 °C)
2.1.2
Alternating current mains transient voltage ruggedness
The ACS108 switch is able to withstand safely the AC mains transients either by clamping the low energy spikes
or by breaking-over when subjected to high energy shocks, even with high turn-on current rises.
The test circuit shown in Figure 15. Overvoltage ruggedness test circuit for resistive and inductive loads, Tamb =
25 °C (conditions equivalent to IEC 61000-4-5 standard) is representative of the final ACS108 application, and is
also used to test the AC switch according to the IEC 61000-4-5 standard conditions. Thanks to the load limiting
the current, the ACS108 switch withstands the voltage spikes up to 2 kV above the peak mains voltage. The
protection is based on an overvoltage crowbar technology. Actually, the ACS108 breaks over safely as shown in
Figure 16. Typical current and voltage waveforms across the ACS108 (+2 kV surge, IEC 61000-4-5 standard).
The ACS108 recovers its blocking voltage capability after the surge (switch off back at the next zero crossing of
the current).
Such non-repetitive tests can be done 10 times on each AC mains voltage polarity.
ACS108-8SA
Protection against overvoltage: the best choice is ACS
DS12901 - Rev 1
page 8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com