Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS108-8SA Datasheet(PDF) 9 Page - STMicroelectronics

Part # ACS108-8SA
Description  0.8 A - 800 V overvoltage protected AC switch (ACS™)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-8SA Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ACS108-8SA Datasheet HTML 5Page - STMicroelectronics ACS108-8SA Datasheet HTML 6Page - STMicroelectronics ACS108-8SA Datasheet HTML 7Page - STMicroelectronics ACS108-8SA Datasheet HTML 8Page - STMicroelectronics ACS108-8SA Datasheet HTML 9Page - STMicroelectronics ACS108-8SA Datasheet HTML 10Page - STMicroelectronics ACS108-8SA Datasheet HTML 11Page - STMicroelectronics ACS108-8SA Datasheet HTML 12Page - STMicroelectronics ACS108-8SA Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Figure 15. Overvoltage ruggedness test circuit for resistive and inductive loads, Tamb = 25 °C (conditions
equivalent to IEC 61000-4-5 standard)
OUT
COM
GATE
Filtering unit
Rgenerator
Model of the load
L = 5 μH
R = 150 Ω
+ 2kV Surge generator
Cc
Rg = 220 Ω
ACS108
Figure 16. Typical current and voltage waveforms across the ACS108 (+2 kV surge, IEC 61000-4-5
standard)
ACS108-8SA
Protection against overvoltage: the best choice is ACS
DS12901 - Rev 1
page 9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com