Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS108-8SA-AP Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACS108-8SA-AP
Description  0.8 A - 800 V overvoltage protected AC switch (ACS™)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-8SA-AP Datasheet(HTML) 4 Page - STMicroelectronics

  ACS108-8SA-AP Datasheet HTML 1Page - STMicroelectronics ACS108-8SA-AP Datasheet HTML 2Page - STMicroelectronics ACS108-8SA-AP Datasheet HTML 3Page - STMicroelectronics ACS108-8SA-AP Datasheet HTML 4Page - STMicroelectronics ACS108-8SA-AP Datasheet HTML 5Page - STMicroelectronics ACS108-8SA-AP Datasheet HTML 6Page - STMicroelectronics ACS108-8SA-AP Datasheet HTML 7Page - STMicroelectronics ACS108-8SA-AP Datasheet HTML 8Page - STMicroelectronics ACS108-8SA-AP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
1.1
Characteristics (curves)
Figure 1. Maximum power dissipation versus rms on-state
current
P (W)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
α = 180°
I
( A)
T(RMS)
180°
Figure 2. On-state rms current versus ambient
temperature
I
(A)
T(RMS)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
25
50
75
100
125
Single layer Printed
circuit board FR4
Natural convection
TO-92
α =180 °
Ta °C
Figure 3. Relative variation of thermal impedance junction
to ambient versus pulse duration
K=[Zth(j-a)/Rth(j-a)]
0.01
0.10
1.00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
Zth(j-a)
TO-92
t (s)
P
Figure 4. Relative variation of holding and latching
current versus junction temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
2 5
50
75
100
125
IH, IL [T j] / IH, IL [Tj=25 ° C]
IH
IL
Tj(°C)
ACS108-8SA
Characteristics (curves)
DS12901 - Rev 1
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com