Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1328708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1328708
Description  Heatsink - ICE25-R122X45-A1
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1328708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1328708 Datasheet HTML 1Page - PHOENIX CONTACT 1328708 Datasheet HTML 2Page - PHOENIX CONTACT 1328708 Datasheet HTML 3Page - PHOENIX CONTACT 1328708 Datasheet HTML 4Page - PHOENIX CONTACT 1328708 Datasheet HTML 5Page - PHOENIX CONTACT 1328708 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Heatsink, anodized, width: 44.9 mm
Your advantages
Heatsinks enable the finished devices to be used in thermally demanding applications
•
Reliable heat dissipation with passive heatsinks
•
Variable positioning of the heatsink base for electronic components of different heights
•
Large installation space in the housing with space-saving heatsink fillers
•
Tailored system solution comprised of a housing, connection technology, heatsink, and additional accessories
•
Commercial Data
Item number
1328708
Packing unit
10 pc
Minimum order quantity
10 pc
Product Key
ACHAEF
GTIN
4063151622039
Weight per Piece (including packing)
147.88 g
Weight per Piece (excluding packing)
92.93 g
Country of origin
CN
Heatsink - ICE25-R122X45-A1
1328708
https://www.phoenixcontact.com/us/products/1328708
Nov 16, 2022, 7:32 AM
Page 1 (6)


Similar Part No. - 1328708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1328703 PHOENIX-1328703 Datasheet
320Kb / 6P
Heatsink - ICE25-F45H-A1
Nov 16, 2022
1328704 PHOENIX-1328704 Datasheet
322Kb / 6P
Heatsink - ICE25-F22H-A1
Nov 16, 2022
1328706 PHOENIX-1328706 Datasheet
321Kb / 6P
Heatsink - ICE50-R122X45-A1
Nov 16, 2022
1328707 PHOENIX-1328707 Datasheet
319Kb / 6P
Heatsink - ICE50-R122X22-A1
Nov 16, 2022
More results

Similar Description - 1328708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1118305 PHOENIX-1118305 Datasheet
330Kb / 4P
Heatsink - ICE50-R122X67-A1
01/21/2022
1118306 PHOENIX-1118306 Datasheet
374Kb / 4P
Heatsink - ICE50-R100X67-A1
01/21/2022
1328703 PHOENIX-1328703 Datasheet
320Kb / 6P
Heatsink - ICE25-F45H-A1
Nov 16, 2022
1328704 PHOENIX-1328704 Datasheet
322Kb / 6P
Heatsink - ICE25-F22H-A1
Nov 16, 2022
1328706 PHOENIX-1328706 Datasheet
321Kb / 6P
Heatsink - ICE50-R122X45-A1
Nov 16, 2022
1328707 PHOENIX-1328707 Datasheet
319Kb / 6P
Heatsink - ICE50-R122X22-A1
Nov 16, 2022
1328711 PHOENIX-1328711 Datasheet
318Kb / 6P
Heatsink - ICE25-R122X22-A1
Nov 16, 2022
1328713 PHOENIX-1328713 Datasheet
320Kb / 6P
Heatsink - ICE50-R100X22-A1
Nov 16, 2022
1328714 PHOENIX-1328714 Datasheet
321Kb / 6P
Heatsink - ICE25-R100X45-A1
Nov 16, 2022
1328715 PHOENIX-1328715 Datasheet
319Kb / 6P
Heatsink - ICE25-R100X22-A1
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com