Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1328708 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1328708
Description  Heatsink - ICE25-R122X45-A1
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1328708 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1328708 Datasheet HTML 1Page - PHOENIX CONTACT 1328708 Datasheet HTML 2Page - PHOENIX CONTACT 1328708 Datasheet HTML 3Page - PHOENIX CONTACT 1328708 Datasheet HTML 4Page - PHOENIX CONTACT 1328708 Datasheet HTML 5Page - PHOENIX CONTACT 1328708 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data
Notes
General
Refer to the data sheet for the range in the download area.
Product properties
Product type
Heat sink
Housing type
Heatsink
Housing series
ICS
Dimensions
Dimensional drawing
Width
44.9 mm
Height
25 mm
Length
127.5 mm
Base panel thickness [b]
3.8 mm
Material specifications
Color
aluminum color
Material
Aluminum
Surface characteristics
anodized
3.9 K/W (At ΔT 65 K for ambient temperature)
Thermal resistance Rth
5 K/W (At ΔT 5 K for ambient temperature)
Environmental and real-life conditions
Vibration test
Specification
IEC 60068-2-6:2007-12
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.15 mm (10 - 58.1 Hz)
Acceleration
2g (58.1 - 150 Hz)
Test duration per axis
2.5 h
Test directions
X-, Y- and Z-axis
Shocks
Specification
IEC 60068-2-27:2008-02
Heatsink - ICE25-R122X45-A1
1328708
https://www.phoenixcontact.com/us/products/1328708
Nov 16, 2022, 7:32 AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com