Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1635 Datasheet(PDF) 5 Page - STMicroelectronics

Part # T1635
Description  Snubberless™, logic level and standard 16 A Triacs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1635 Datasheet(HTML) 5 Page - STMicroelectronics

  T1635 Datasheet HTML 1Page - STMicroelectronics T1635 Datasheet HTML 2Page - STMicroelectronics T1635 Datasheet HTML 3Page - STMicroelectronics T1635 Datasheet HTML 4Page - STMicroelectronics T1635 Datasheet HTML 5Page - STMicroelectronics T1635 Datasheet HTML 6Page - STMicroelectronics T1635 Datasheet HTML 7Page - STMicroelectronics T1635 Datasheet HTML 8Page - STMicroelectronics T1635 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Figure 6. On-state characteristics (maximum values)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
200
ITM(A)
VTM(V)
Tj max.
Vto = 0.85 V
Rd = 25 mΩ
Tj = Tj max.
Tj = 25 °C
Figure 7. Surge peak on-state current versus number of
cycles
1
1 0
100
1000
0
20
40
60
80
100
120
140
160
180
ITSM(A)
Numb er of cycles
t=20ms
One cycle
Non repetitive
T initial=25°C
j
Repetitive
T =85°C
C
Figure 8. Non-repetitive surge peak on-state current for a
sinusoidal
0. 01
0. 10
1. 00
10. 00
100
1000
3000
ITSM(A),I t (A s)
2
2
ITSM
dI/dt limitation:
50A/µs
puls e wi th width t < 10 ms
p
t (ms)
p
T initial=25°C
j
Figure 9. Relative variation of gate trigger current
-40
-20
02
04
06
08
0
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
T( °C)
j
IGT, IH, IL[Tj] /
IGT
IH & IL
holding current and latching current versus junction
temperature (typic al values)
IGT, IH, IL[Tj = 25 °C]
Figure 10. Relative variation of critical rate of decrease of
main current versus (dV/dt)c (typical values)
0.1
1.0
10.0
100.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
(dl/dt)c [(dV/dt)c] / specified (dl/dt)c
(dV/dt)c (V/µs)
C
SW/T1610
T1635/T1650/CW/BW
Snubberless and logic level types
B
Figure 11. Relative variation of critical rate of decrease of
main current versus (junction temperature (typical values)
0
25
50
75
100
125
0
1
2
3
4
5
6
(dl/dt)c [Tj] / (dl/dt)c [Tj specified]
Tj(°C)
T1610, T1635, T1650, BTA16, BTB16
Characteristics (curves)
DS2114 - Rev 11
page 5/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com