Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1635 Datasheet(PDF) 3 Page - STMicroelectronics

Part # T1635
Description  Snubberless™, logic level and standard 16 A Triacs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1635 Datasheet(HTML) 3 Page - STMicroelectronics

  T1635 Datasheet HTML 1Page - STMicroelectronics T1635 Datasheet HTML 2Page - STMicroelectronics T1635 Datasheet HTML 3Page - STMicroelectronics T1635 Datasheet HTML 4Page - STMicroelectronics T1635 Datasheet HTML 5Page - STMicroelectronics T1635 Datasheet HTML 6Page - STMicroelectronics T1635 Datasheet HTML 7Page - STMicroelectronics T1635 Datasheet HTML 8Page - STMicroelectronics T1635 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Symbol
Parameters
Quadrant
BTA16
BTB16
Unit
C
B
dV/dt(2)
VD = 67 % VDRM gate open, Tj = 125 °C
Min.
200
400
V/µs
(dV/dt)c(2)
(dI/dt)c = 7 A/ms, Tj = 125 °C
Min.
5
10
V/µs
1. Minimum IGT is guaranteed at 5 % of IGT max.
2. For both polarities of A2 referenced to A1
Table 4. Electrical characteristics (Tj = 25 °C, unless otherwise specified) - Snubberless and logic level (3
quadrants)
Symbol
Parameters
Quadrant
T1610 / BTA16-
SW / BTB16-
SW
T1635 /
BTA16-CW /
BTB16-CW
T1650 /
BTA16-BW /
BTB16-BW
Unit
IGT(1)
VD = 12 V, RL = 30 Ω
I - II - III
Max.
10
35
50
mA
VGT
Max.
1.3
V
VGD
VD = VDRM, RL = 3,3 kΩ, Tj = 125 °C
Min.
0.2
V
IH(2)
IT = 500 mA
Max.
15
35
50
mA
IL
IG = 1.2 IGT
I - III
Max.
25
50
70
mA
II
Max.
30
60
80
(dV/dt)(2) VD = 67 % VDRM gate open, Tj = 125 °C
Min.
40
500
1000
V/µs
(dI/dt)c(2)
(dV/dt)c = 0.1 V/μs, Tj = 125 °C
Min.
8.5
A/ms
(dV/dt)c = 10 V/μs, Tj = 125 °C
3.0
Without snubber, Tj = 125 °C
8.5
14
1. Minimum IGT is guaranteed at 5 % of IGT max.
2. For both polarities of A2 referenced to A1
Table 5. Thermal resistance
Symbol
Parameters
Value
Unit
Rth(j-c)
Max. junction to case (AC)
TO-220AB / D²PAK
1.2
°C/W
TO-220AB insulated
2.1
Rth(j-a)
Junction to ambient (S = 2 cm²)
D²PAK
45
Junction to ambient
TO-220AB / TO-220AB ins
60
1. Copper surface under tab.
T1610, T1635, T1650, BTA16, BTB16
Characteristics
DS2114 - Rev 11
page 3/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com