Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA08-600SRG Datasheet(PDF) 12 Page - STMicroelectronics

Part # BTA08-600SRG
Description  Snubberless™, logic level and standard 8 A Triacs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA08-600SRG Datasheet(HTML) 12 Page - STMicroelectronics

Back Button BTA08-600SRG Datasheet HTML 8Page - STMicroelectronics BTA08-600SRG Datasheet HTML 9Page - STMicroelectronics BTA08-600SRG Datasheet HTML 10Page - STMicroelectronics BTA08-600SRG Datasheet HTML 11Page - STMicroelectronics BTA08-600SRG Datasheet HTML 12Page - STMicroelectronics BTA08-600SRG Datasheet HTML 13Page - STMicroelectronics BTA08-600SRG Datasheet HTML 14Page - STMicroelectronics BTA08-600SRG Datasheet HTML 15Page - STMicroelectronics BTA08-600SRG Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
2.3
TO-220AB insulated package information
Figure 16. TO-220AB insulated package outline
C
b2
c2
F
L
A
a1
a2
B
e
b1
I4
l3
l2
c1
M
Resin gate 0.5 mm
max. protusion(1)
Resin gate 0.5 mm
max. protusion(1)
(1)Resin gate position accepted in one of the two positions or in the symmetrical opposites.
I
BTA08, BTB08, T810, T835, T850
TO-220AB insulated package information
DS2114 - Rev 15
page 12/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com