Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA08-600SRG Datasheet(PDF) 19 Page - STMicroelectronics

Part # BTA08-600SRG
Description  Snubberless™, logic level and standard 8 A Triacs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA08-600SRG Datasheet(HTML) 19 Page - STMicroelectronics

Back Button BTA08-600SRG Datasheet HTML 13Page - STMicroelectronics BTA08-600SRG Datasheet HTML 14Page - STMicroelectronics BTA08-600SRG Datasheet HTML 15Page - STMicroelectronics BTA08-600SRG Datasheet HTML 16Page - STMicroelectronics BTA08-600SRG Datasheet HTML 17Page - STMicroelectronics BTA08-600SRG Datasheet HTML 18Page - STMicroelectronics BTA08-600SRG Datasheet HTML 19Page - STMicroelectronics BTA08-600SRG Datasheet HTML 20Page - STMicroelectronics BTA08-600SRG Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Table 11. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
T810-600B
T8 1060
DPAK
0.30
75
Tube
T835-600B
T8 3560
T835-800B
T8 3580
T810-600B-TR
T8 1060
2500
Tape&Reel 13"
T810-800B-TR
T8 1080
T835-600B-TR
T8 3560
T835-800B-TR
T8 3580
T835-600H
T8 3560
IPAK
0.40
75
Tube
T835-600G
T835-600G
D2PAK
1.50
50
Tube
T835-8G
T835-8G
T850-6G
T850-6G
T850-8G
T850-8G
T810-600G-TR
T810-600G
1000
Tape&Reel 13"
T835-600G-TR
T835-600G
T835-8G-TR
T835-8G
T850-6G-TR
T850-6G
T850-8G-TR
T850-8G
BTA08-600SRG
BTA08-600S
TO-220AB Ins.
2.30
50
Tube
BTA08-600BRG
BTA08-600B
BTA08-600CRG
BTA08-600C
BTA08-800CRG
BTA08-800C
BTA08-600BWRG
BTA08-600BW
BTA08-600CWRG
BTA08-600CW
BTA08-600SWRG
BTA08-600SW
BTA08-600TWRG
BTA08-600TW
BTA08-800BWRG
BTA08-800BW
BTB08-600BRG
BTB08-600B
TO-220AB
BTB08-600CRG
BTB08-600C
BTB08-600SRG
BTB08-600S
BTB08-600BWRG
BTB08-600BW
BTB08-600CWRG
BTB08-600CW
BTB08-600SWRG
BTB08-600SW
BTB08-600TWRG
BTB08-600TW
BTB08-800CWRG
BTB08-800CW
BTB08-800TWRG
BTB08-800TW
BTA08, BTB08, T810, T835, T850
Ordering information
DS2114 - Rev 15
page 19/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com