Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLC1 Datasheet(PDF) 2 Page - Littelfuse

Part # LLC1
Description  Open Board Liquid Level Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LLC1 Datasheet(HTML) 2 Page - Littelfuse

  LLC1 Datasheet HTML 1Page - Littelfuse LLC1 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Pump Controls and Liquid Level Controls
www.littelfuse.com/llc1
LLC1 SERIES
Accessories
P1015-13 (AWG 10/12), P1015-64 (AWG 14/16),
P1015-14 (AWG 18/22) Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
PHST-38QTN Electrode
Designed for a maximum steam pressure of
240 PSI; 400° F. UL353 Recognized.
LLP-24 Threaded Probe (24”)
Threaded stainless steel probe measuring 24”
(61 cm) long. For use with PHST-38QTN liquid
level control electrodes.
Specifications
Control
Type
ON/OFF (single level) resistance sensor with
built-in time delay to prevent rapid cycling
Sense Voltage
Low voltage AC between probe & common.
Isolated from input & output.
Sense Resistance
Fixed or adjustable to 250KΩ
Sense Resistance Tolerance Adjustable - guaranteed range
Factory fixed ±10%
Time Delay
Range
Fixed 1 - 60s in 1s increments
Input
Voltage
24, 120, or 230VAC
Tolerance
24VAC
-15% - 20%
120 & 230VAC
-20% - 10%
AC Line Frequency
50/60 Hz
Output
Type
Electromechanical relay
Form
Non-isolated, SPST & Isolated, SPDT contacts
Rating
10A resistive @ 120/240VAC & 28VDC;
1/3 hp @ 120/240VAC
Life
Mechanical - 1 x 107; Electrical - 1 x 105
Protection
Surge
IEEE C62.41-1991 Level A
Isolation Voltage
≥ 1500V RMS between input, output & probe
Mechanical
Mounting
Surface mount to probe common with two
#6 (M3.5 x 0.6) screws or 0.50 in. (12.7 mm)
nylon standoffs with three #6 (M3.5 x 0.6)
screws (use Terminal 5 for probe common)
Termination
0.25 in. (6.35 mm) male quick connect terminals
Dimensions (Open Board)
H 88.9 mm (3.5”); W 69.9 mm (2.75”);
D 50.8 mm (2.0”)
Environmental
Operating/Storage
Temperature
-20° to 55°C/-40° to 80°C
Coating
Printed circuit board is conformal coated to
resist moisture and corrosion
Weight
≅ 8.7 oz (247 g)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com