Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLC1 Datasheet(PDF) 1 Page - Littelfuse

Part # LLC1
Description  Open Board Liquid Level Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LLC1 Datasheet(HTML) 1 Page - Littelfuse

  LLC1 Datasheet HTML 1Page - Littelfuse LLC1 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Pump Controls and Liquid Level Controls
www.littelfuse.com/llc1
LLC1 SERIES
Description
The LLC1 Series is a single probe conductive liquid level control
designed for OEM equipment and commercial appliances. This
unit may be ordered with fixed fill or fixed drain operation. A
time delay (1-60s) prevents rapid cycling of the output relay.
On adjustable units, the sensitivity adjustment allows accurate
level sensing while ignoring foaming agents and floating
debris. Isolated AC voltage is provided at the probe to prevent
electrolysis. A trickle current of less than 1mA determines the
presence or absence of liquid between the probe and common.
The LLC1 Series printed circuit board is conformal coated to
resist moisture and corrosion.
Operation
Drain (Pump-Down Mode): When the liquid level rises and
touches the probe, a fixed time delay begins. This time delay
prevents rapid cycling of the output relay and its load. At the
end of the time delay, the output relay energizes and remains
energized until the liquid level falls below the probe. The output
relay then de-energizes and remains de-energized until the liquid
again touches the probe.
Fill (Pump-Up Mode): When the liquid level falls below the
probe, a fixed time delay begins. This time delay prevents rapid
cycling of the output relay and its load. At the end of the time
delay, the output relay energizes and remains energized until
the liquid level rises and touches the probe. The output relay
then de-energizes and remains de-energized until the liquid level
again falls below the probe.
Features & Benefits
FEATURES
BENEFITS
Isolated AC voltage
on probe
Prevents scale buildup on the probe
Open PCB design
Cost effective design for OEM equipment and
commercial appliances
Conformally coated PCB
Protects against moisture and corrosion
Sensitivity adjustment
Provides accurate level sensing while ignoring foam
or floating debris
Wiring Diagram
Open Board Liquid Level Controls
L1 N/L2
Metal Tank or use
additional Probe
C
P = Probe
L = Load
V = Voltage
∆S = Sensitivity
Adjustment
Contacts A, B & C
are isolated.
Connect common to
conductive tank or
an additional probe
as required.
Ordering Information
MODEL
INPUT
VOLTAGE
OPERATION
TIME
DELAY
SENSE
RESISTANCE
MOUNTING
LLC14A1AX
120VAC
Drain
1s
Adjustable
0.5 in nylon standoffs (3)
LLC14A5AX
120VAC
Drain
5s
Adjustable
0.5 in nylon standoffs (3)
LLC14B15AX
120VAC
Fill
15s
Adjustable
0.5 in nylon standoffs (3)
LLC14B1AX
120VAC
Fill
1s
Adjustable
0.5 in nylon standoffs (3)
LLC14B60AX
120VAC
Fill
60s
Adjustable
0.5 in nylon standoffs (3)
LLC16A25AX
230VAC
Drain
25s
Adjustable
0.5 in nylon standoffs (3)
LLC16A3AX
230VAC
Drain
3s
Adjustable
0.5 in nylon standoffs (3)
If you don’t find the part you need, call us for a custom product 800-843-8848


Similar Part No. - LLC1

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LLC100U182AAC0 LINKCOM-LLC100U182AAC0 Datasheet
732Kb / 6P
Power Supply
LLC100U212AAC0 LINKCOM-LLC100U212AAC0 Datasheet
732Kb / 6P
Power Supply
LLC100U272AAC0 LINKCOM-LLC100U272AAC0 Datasheet
732Kb / 6P
Power Supply
LLC100U322AAC0 LINKCOM-LLC100U322AAC0 Datasheet
732Kb / 6P
Power Supply
LLC100U392AAC0 LINKCOM-LLC100U392AAC0 Datasheet
732Kb / 6P
Power Supply
More results

Similar Description - LLC1

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
039-6000-100 MAGNETROL-039-6000-100 Datasheet
161Kb / 8P
Tuffy짰 Liquid Level Controls with Pneumatic Switch
039-6000-104 MAGNETROL-039-6000-104 Datasheet
152Kb / 4P
Tuffy Liquid Level Controls with Pneumatic Switch
T3B MAGNETROL-T3B Datasheet
308Kb / 12P
Tuffy II짰 Liquid Level Controls with Electric Switches
T31-002N-10A MAGNETROL-T31-002N-10A Datasheet
542Kb / 28P
Tuffy짰 II Liquid Level Controls with Electric Switches
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
Side Mounting Liquid Level Controls
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
LLC2 LITTELFUSE-LLC2 Datasheet
384Kb / 2P
Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC4 LITTELFUSE-LLC4 Datasheet
450Kb / 2P
Octal Plug-In Liquid Level Controls
2017 Rev: 1-A-020817
LLC5 LITTELFUSE-LLC5 Datasheet
428Kb / 2P
Liquid Level Controls
2016 Rev: 1-A-062116
LLC6 LITTELFUSE-LLC6 Datasheet
416Kb / 2P
Low Level Cutoff Liquid Level Controls
2016 Rev: 1-A-062716
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com