Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC66SS014FF Datasheet(PDF) 19 Page - Bel Fuse Inc.

Part # BC66SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC66SS014FF Datasheet(HTML) 19 Page - Bel Fuse Inc.

Back Button BC66SS014FF Datasheet HTML 15Page - Bel Fuse Inc. BC66SS014FF Datasheet HTML 16Page - Bel Fuse Inc. BC66SS014FF Datasheet HTML 17Page - Bel Fuse Inc. BC66SS014FF Datasheet HTML 18Page - Bel Fuse Inc. BC66SS014FF Datasheet HTML 19Page - Bel Fuse Inc. BC66SS014FF Datasheet HTML 20Page - Bel Fuse Inc. BC66SS014FF Datasheet HTML 21Page - Bel Fuse Inc. BC66SS014FF Datasheet HTML 22Page - Bel Fuse Inc. BC66SS014FF Datasheet HTML 23Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19
DVI Cable Assemblies
Cable Catalog
Description
Bel’s DVI video cables series offers solutions for digital and analog signal transmissions. All configurations are
compatible with projectors, TVs and other DVI enabled devices. Bel’s DVI-D assemblies support digital signal and the
DVI-I cable assemblies support both analog and digital signals. Bel’s DVI video cables include gold-plated connectors
to provide durable and reliable transmissions. The DVI Single link video cables support transmissions up to 4.95 Gbps
and the DVI Dual link video cables support transmissions up to 9.9 Gbps.
DVI-D Single Link (18+1)
Bel Part Number
Description
Color
Resolution Supported Lengths Available
ft
m
BC-VDSK010M
DVI-D Single Link (18 +1) to DVI-D Single Link (18+1)
Black
1280 x 720
3.28ft
1m
BC-VDSK020M
DVI-D Single Link (18 +1) to DVI-D Single Link (18+1)
Black
1280 x 720
9.84ft
2m
DVI-D Dual Link (24+1)
Bel Part Number
Description
Color
Resolution Supported Lengths Available
ft
m
BC-VDDK010M
DVI-D Dual Link (24+1) to DVI-D Dual Link (24+1)
Black
2560 x 1600
3.28ft
1m
BC-VDDK020M
DVI-D Dual Link (24+1) to DVI-D Dual Link (24+1)
Black
2560 x 1600
9.84ft
2m
DVI-I Dual Link (24+5)
Bel Part Number
Description
Color
Resolution Supported Lengths Available
ft
m
BC-VIDK010M
DVI-I Dual Link (24+5) to DVI-I Dual Link (24+5)
Black
2560 x 1600
3.28ft
1m
BC-VIDK020M
DVI-I Dual Link (24+5) to DVI-I Dual Link (24+5)
Black
2560 x 1600
9.84ft
2m
BC = Cable Assembly Family
D = DVI-D Cable Assembly
I = DVI-I Cable Assembly
M
XXX
BC
V
V = DVI Cable Assembly
Connector Performance
Part Number
Type
D
Length
F = Feet
UOM
S
S = Single Link
D = Dual Link
Link
010M = 1m 020M = 2m
K
K = Black
Color



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com