Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC66SS014FF Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # BC66SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC66SS014FF Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button BC66SS014FF Datasheet HTML 2Page - Bel Fuse Inc. BC66SS014FF Datasheet HTML 3Page - Bel Fuse Inc. BC66SS014FF Datasheet HTML 4Page - Bel Fuse Inc. BC66SS014FF Datasheet HTML 5Page - Bel Fuse Inc. BC66SS014FF Datasheet HTML 6Page - Bel Fuse Inc. BC66SS014FF Datasheet HTML 7Page - Bel Fuse Inc. BC66SS014FF Datasheet HTML 8Page - Bel Fuse Inc. BC66SS014FF Datasheet HTML 9Page - Bel Fuse Inc. BC66SS014FF Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
Cat 6 & Cat 6a Reduced Diameter (28 AWG) Patch Cords
Description
Bel’s Cat 6 reduced diameter patch cords support voice communications and the transmission of 1G, 2.5G and 5G data
speeds, while also offering Cat 6a patch cords that support up to 10G data speeds. The 28 AWG patch cords are ideal
for high density data center applications where increased airflow and reduced congestion are beneficial. Bel’s reduced
diameter patch cords feature UL rated CM jacket material in multiple lengths and colors, along with color-matching slim line
snagless strain relief boots. All reduced diameter patch cords are 100% Transmission Tested for performance.
Bel Part Number
Rating
Shielded
Color
Lengths Available AWG Size
ft
m
BM-R6UE001F
Cat 6
No
Blue
1ft
0.30m
28 AWG (Reduced Diameter)
BM-R6UE003F
Cat 6
No
Blue
3ft
0.91m
28 AWG (Reduced Diameter)
BM-R6UE005F
Cat 6
No
Blue
5ft
1.52m
28 AWG (Reduced Diameter)
BM-R6UE007F
Cat 6
No
Blue
7ft
2.13m
28 AWG (Reduced Diameter)
BM-R6UE010F
Cat 6
No
Blue
10ft
3.04m
28 AWG (Reduced Diameter)
BM-R6UE015F
Cat 6
No
Blue
15ft
4.57m
28 AWG (Reduced Diameter)
BM-R6UG001F
Cat 6
No
Grey
1ft
0.30m
28 AWG (Reduced Diameter)
BM-R6UG003F
Cat 6
No
Grey
3ft
0.91m
28 AWG (Reduced Diameter)
BM-R6UG005F
Cat 6
No
Grey
5ft
1.52m
28 AWG (Reduced Diameter)
BM-R6UG007F
Cat 6
No
Grey
7ft
2.13m
28 AWG (Reduced Diameter)
BM-R6UG010F
Cat 6
No
Grey
10ft
3.04m
28 AWG (Reduced Diameter)
BM-R6UG015F
Cat 6
No
Grey
15ft
4.57m
28 AWG (Reduced Diameter)
BM-R6ASE001F
Cat 6a
Yes
Blue
1ft
0.30m
28 AWG (Reduced Diameter)
BM-R6ASE003F
Cat 6a
Yes
Blue
3ft
0.91m
28 AWG (Reduced Diameter)
BM-R6ASE005F
Cat 6a
Yes
Blue
5ft
1.52m
28 AWG (Reduced Diameter)
BM-R6ASE007F
Cat 6a
Yes
Blue
7ft
2.13m
28 AWG (Reduced Diameter)
BM-R6ASE010F
Cat 6a
Yes
Blue
10ft
3.04m
28 AWG (Reduced Diameter)
BM-R6ASE015F
Cat 6a
Yes
Blue
15ft
4.57m
28 AWG (Reduced Diameter)
BM-R6ASG001F
Cat 6a
Yes
Grey
1ft
0.30m
28 AWG (Reduced Diameter)
BM-R6ASG003F
Cat 6a
Yes
Grey
3ft
0.91m
28 AWG (Reduced Diameter)
BM-R6ASG005F
Cat 6a
Yes
Grey
5ft
1.52m
28 AWG (Reduced Diameter)
BM-R6ASG007F
Cat 6a
Yes
Grey
7ft
2.13m
28 AWG (Reduced Diameter)
BM-R6ASG010F
Cat 6a
Yes
Grey
10ft
3.04m
28 AWG (Reduced Diameter)
BM-R6ASG015F
Cat 6a
Yes
Grey
15ft
4.57m
28 AWG (Reduced Diameter)
Cable Catalog
BM = Cable Assembly Family
E = Blue
G = Grey
F
B M
R 6U
R6U = Cat 6 28 AWG U/UTP
R6AS = Cat 6a 28 AWG U/UTP
Rating
Part Number
Color
E
F = Feet
UOM
XXX
Length
001F = 1ft 003F = 3ft 005F = 5ft
007F = 7ft 010F = 10ft 015F = 15ft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com