Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM5665 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AM5665
Description  5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5665 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5665 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665
Preliminary Datasheet
7
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Test Circuit
Figure 4. Test Circuit of AM5665
28
25
22
23
24
26
27
15
16
17
18
19
20
21
1
4
7
6
5
3
2
14
13
12
11
10
9
8
V
O4
R
L4
0.5
V
O1
A
R
L1
0.5
V
O2
A
R
L2
V
O3
R
L3
A
100
µH
100
µH
-+
-+
+
-
-+
+
-
+
-
I
CC
100
µF
16V
100pF
V
IN1
V
ST
V
BIAS
V
IN2
100pF
V
IN4
I
O2
VOLD- VOLD+ VOTK- VOTK+
VOSL- VOSL+ VOFC- VOFC+
I
O1
AM5665
R
VCTL
V
CC1
100
µF
16V
V
CC2
VOTR- VOTR+
V
O5
R
L5
V
CC1
V
IN3
FWD
REV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com