Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM5665 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AM5665
Description  5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5665 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AM5665 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665
Preliminary Datasheet
3
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Pin Description
Pin Number
Pin Name
Function
1
VINFC
Focus driver input
2
CFCerr1
Capacitor connection 1 for the error amp filter of focus channel
3
CFCerr2
Capacitor connection 2 for the error amp filter of focus channel
4
VNFFC
Focus driver feedback pin
5
VINSL
Sled driver input
6
FWD
Tray driver forward input
7
REV
Tray driver reverse input
8
VCC1
Power supply 1
9
VOTR-
Tray driver output (-)
10
VOTR+
Tray driver output (+)
11
VOSL-
Sled driver output (-)
12
VOSL+
Sled driver output (+)
13
VOFC-
Focus driver output (-)
14
VOFC+
Focus driver output (+)
15
VOTK+
Tracking driver output (+)
16
VOTK-
Tracking driver output (-)
17
VOLD+
Loading driver output (+)
18
VOLD-
Loading driver output (-)
19
VCC2
Power supply 2
20
VNFTK
Tracking driver feedback pin
21
VCTL
Tray driver speed control pin
22
GND
Ground
23
VINLD
Loading driver input
24
CTKerr2
Capacitor connection 2 for the error amp filter of tracking channel
25
CTKerr1
Capacitor connection 1 for the error amp filter of tracking channel
26
VINTK
Tracking driver input
27
VBIAS
VREF input pin
28
STBY
Stand-by control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com