Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT40GP60S Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT40GP60S
Description  POWER MOS 7 IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40GP60S Datasheet(HTML) 1 Page - Advanced Power Technology

  APT40GP60S Datasheet HTML 1Page - Advanced Power Technology APT40GP60S Datasheet HTML 2Page - Advanced Power Technology APT40GP60S Datasheet HTML 3Page - Advanced Power Technology APT40GP60S Datasheet HTML 4Page - Advanced Power Technology APT40GP60S Datasheet HTML 5Page - Advanced Power Technology APT40GP60S Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The POWER MOS 7® IGBT is a new generation of high voltage power IGBTs.
Using Punch Through Technology this IGBT is ideal for many high frequency,
high voltage switching applications and has been optimized for high frequency
switchmode power supplies.
• Low Conduction Loss
• 100 kHz operation @ 400V, 41A
• Low Gate Charge
• 200 kHz operation @ 400V, 26A
• Ultrafast Tail Current shutoff
• SSOA rated
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
STATIC ELECTRICAL CHARACTERISTICS
MIN
TYP
MAX
600
3
4.5
6
2.2
2.7
2.1
250
2500
±100
Symbol
BVCES
VGE(TH)
VCE(ON)
ICES
IGES
UNIT
Volts
µA
nA
Symbol
VCES
VGE
VGEM
IC1
IC2
ICM
SSOA
PD
TJ,TSTG
TL
APT40GP60B_S
600
±20
±30
100
62
160
160A @ 600V
543
-55 to 150
300
UNIT
Volts
Amps
Watts
°C
Parameter
Collector-Emitter Voltage
Gate-Emitter Voltage
Gate-Emitter Voltage Transient
Continuous Collector Current 7 @ TC = 25°C
Continuous Collector Current @ TC = 110°C
Pulsed Collector Current 1
@ TC = 150°C
Switching Safe Operating Area @ TJ = 150°C
Total Power Dissipation
Operating and Storage Junction Temperature Range
Max. Lead Temp. for Soldering: 0.063" from Case for 10 Sec.
G
C
E
Characteristic / Test Conditions
Collector-Emitter Breakdown Voltage (VGE = 0V, IC = 250µA)
Gate Threshold Voltage
(VCE = VGE, IC = 1mA, Tj = 25°C)
Collector-Emitter On Voltage (VGE = 15V, IC = 40A, Tj = 25°C)
Collector-Emitter On Voltage (VGE = 15V, IC = 40A, Tj = 125°C)
Collector Cut-off Current (VCE = 600V, VGE = 0V, Tj = 25°C)
2
Collector Cut-off Current (VCE = 600V, VGE = 0V, Tj = 125°C)
2
Gate-Emitter Leakage Current (VGE = ±20V)
POWER MOS 7
® IGBT
APT40GP60B
APT40GP60S
600V
TO-247
G
C
E
D3PAK
G
C
E


Similar Part No. - APT40GP60S

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT40GP60B2DF2 ADPOW-APT40GP60B2DF2 Datasheet
205Kb / 9P
POWER MOS 7 IGBT
APT40GP60B2DQ2 ADPOW-APT40GP60B2DQ2 Datasheet
529Kb / 9P
POWER MOS 7 IGBT
APT40GP60B2DQ2G ADPOW-APT40GP60B2DQ2G Datasheet
529Kb / 9P
POWER MOS 7 IGBT
APT40GP60J ADPOW-APT40GP60J Datasheet
99Kb / 6P
POWER MOS 7 IGBT
APT40GP60JDQ2 ADPOW-APT40GP60JDQ2 Datasheet
551Kb / 9P
POWER MOS 7 IGBT
More results

Similar Description - APT40GP60S

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT80GP60B2 ADPOW-APT80GP60B2 Datasheet
94Kb / 6P
POWER MOS 7 IGBT
APT11GP60BDQB ADPOW-APT11GP60BDQB Datasheet
212Kb / 7P
POWER MOS 7 IGBT
APT25GP120B ADPOW-APT25GP120B Datasheet
95Kb / 6P
POWER MOS 7 IGBT
APT26GU30B ADPOW-APT26GU30B Datasheet
166Kb / 6P
POWER MOS 7 IGBT
APT26GU30K ADPOW-APT26GU30K Datasheet
172Kb / 6P
POWER MOS 7 IGBT
APT30GP60BDQ1 ADPOW-APT30GP60BDQ1 Datasheet
438Kb / 9P
POWER MOS 7 IGBT
APT50GP60J ADPOW-APT50GP60J Datasheet
98Kb / 6P
POWER MOS 7 IGBT
APT65GP60L2DF2 ADPOW-APT65GP60L2DF2 Datasheet
201Kb / 9P
POWER MOS 7 IGBT
APT40GP60B2DF2 ADPOW-APT40GP60B2DF2 Datasheet
205Kb / 9P
POWER MOS 7 IGBT
APT25GP90BDF1 ADPOW-APT25GP90BDF1 Datasheet
209Kb / 9P
POWER MOS 7 IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com