Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT40GP60S Datasheet(PDF) 6 Page - Advanced Power Technology

Part # APT40GP60S
Description  POWER MOS 7 IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40GP60S Datasheet(HTML) 6 Page - Advanced Power Technology

  APT40GP60S Datasheet HTML 1Page - Advanced Power Technology APT40GP60S Datasheet HTML 2Page - Advanced Power Technology APT40GP60S Datasheet HTML 3Page - Advanced Power Technology APT40GP60S Datasheet HTML 4Page - Advanced Power Technology APT40GP60S Datasheet HTML 5Page - Advanced Power Technology APT40GP60S Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APT40GP60B_S
*DRIVER SAME TYPE AS D.U.T.
IC
VCLAMP
100uH
VTEST
A
A
B
D.U.T.
DRIVER*
VCE
Figure 24, E
ON1
Test Circuit
Figure 22, Turn-on Switching Waveforms and Definitions
Figure 23, Turn-off Switching Waveforms and Definitions
APT’s products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.
90%
td(off)
tf
90%
10%
Collector Current
Collector Voltage
Gate Voltage
0
Switching Energy
T
J = 125 C
IC
A
D.U.T.
APT30DF60
VCE
Figure 21, Inductive Switching Test Circuit
VCC
10%
tr
10%
90%
5%
t
d(on)
5 %
TJ = 125 C
Switching Energy
Collector Voltage
Collector Current
Gate Voltage
15.95 (.628)
16.05(.632)
1.22 (.048)
1.32 (.052)
5.45 (.215) BSC
{2 Plcs.}
4.98 (.196)
5.08 (.200)
1.47 (.058)
1.57 (.062)
2.67 (.105)
2.84 (.112)
0.46 (.018)
0.56 (.022)
Dimensions in Millimeters (Inches)
Heat Sink (Collector)
and Leads are Plated
3.81 (.150)
4.06 (.160)
(Base of Lead)
1.98 (.078)
2.08 (.082)
Gate
Collector
Emitter
0.020 (.001)
0.178 (.007)
1.27 (.050)
1.40 (.055)
11.51 (.453)
11.61 (.457)
13.41 (.528)
13.51(.532)
Revised
8/29/97
1.04 (.041)
1.15(.045)
13.79 (.543)
13.99(.551)
Revised
4/18/95
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
3.50 (.138)
3.81 (.150)
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Collector
Emitter
Gate
5.45 (.215) BSC
Dimensions in Millimeters and (Inches)
2-Plcs.
TO-247 Package Outline
D
3
PAK Package Outline



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com