Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSX-2F221DF Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSX-2F221DF
Description  SM Crystal High Frequency Fundamental
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-2F221DF Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSX-2F221DF Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
SM Crystal High Frequency Fundamental
GSX-2F
24 Jul 2002
ACTUAL SIZE
1.00
0.60Ø
4.50
2.50
1
2
43
7.50
(max)
5.00
(max)
1.10
(max)
SOLDER PAD LAYOUT
1.40
1.40
2.20 4.10 2.20
1.14
4
2
1
3
TOP VIEW
PAD
1
2
3
4
CONNECTION
Crystal
Ground & lid
Crystal
Ground & lid
Features
« Fundamental mode up to 156MHz
« Inverted mesa technology
« Metal lid can be grounded to minimise EMI
« Low height for maximum space saving
Product name + option codes + frequency
eg:
GSX-2F/221DF 155.52MHz 20/20/10/16-F (standard)
GSX-2F/552JF 77.760MHz 50/50/20/30-F
Option code X (eg GSX-2F/X) denotes a custom specification.
Ordering Information
GSX-2F
Option
Codes
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Scale 2:1
Specifications
Available on T&R - 1k or 3k pcs per reel.
Refer to our website for T&R and soldering details.
Frequency range:
50.0 ~ 156.0MHz
Calibration tolerance:
±20ppm
2
±50ppm
5
Other values (±20ppm ~ ±100ppm)
specify
Temperature stability:
±20ppm
2
±50ppm
5
Other values (±20ppm ~ ±100ppm)
specify
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
Other values
specify
Circuit condition:
16pF
D
18pF
E
20pF
F
30pF
J
Other values
specify
Oscillation mode:
Fundamental
F
Static capacitance (C0): 7pF max
Equivalent series resistance:
30
max
Ageing:
±5ppm max first year
Test drive level:
100µW
Soldering condition:
260°C, 10 sec x2 max


Similar Part No. - GSX-2F221DF

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-2 GOLLEDGE-GSX-2 Datasheet
58Kb / 1P
SM CRYSTAL
GSX-2 GOLLEDGE-GSX-2 Datasheet
561Kb / 4P
High Frequency Miniature SM Crystal
GSX-200 GOLLEDGE-GSX-200 Datasheet
56Kb / 1P
SM Watch Crystal
GSX-200 GOLLEDGE-GSX-200 Datasheet
578Kb / 4P
32.768kHz CM200C Watch Crystal
GSX-200D GOLLEDGE-GSX-200D Datasheet
56Kb / 1P
SM Watch Crystal
More results

Similar Description - GSX-2F221DF

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CC1F GOLLEDGE-CC1F Datasheet
58Kb / 1P
SM Crystal Mil Temp High Freq Fundamental
CC6F GOLLEDGE-CC6F Datasheet
53Kb / 1P
SM Crystal Mil Temp High Freq Fundamental
CC6F GOLLEDGE-CC6F_06 Datasheet
55Kb / 1P
SM Crystal Mil Temp High Freq Fundamental
CC1F GOLLEDGE-CC1F_16 Datasheet
136Kb / 1P
SM Crystal High Freq Fundamental
CC6F GOLLEDGE-CC6F_16 Datasheet
127Kb / 1P
SM Crystal High Freq Fundamental
GSX-228 GOLLEDGE-GSX-228 Datasheet
589Kb / 5P
High Frequency Fundamental Mode Ultra-Miniature SM Crystal
GSX-328 GOLLEDGE-GSX-328 Datasheet
590Kb / 5P
High Frequency Fundamental Mode Miniature SM Crystal
GSX-338 GOLLEDGE-GSX-338 Datasheet
591Kb / 5P
High Frequency Fundamental 3.2 x 2.5mm SM Crystal
GSX-538 GOLLEDGE-GSX-538 Datasheet
592Kb / 5P
High Frequency Fundamental 5.0 x 3.2mm SM Crystal
GSX-758 GOLLEDGE-GSX-758 Datasheet
590Kb / 5P
High Frequency Fundamental 7.5 x 5.0mm SM Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com