Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRF100 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # DRF100
Description  High Speed MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

DRF100 Datasheet(HTML) 1 Page - Advanced Power Technology

  DRF100 Datasheet HTML 1Page - Advanced Power Technology DRF100 Datasheet HTML 2Page - Advanced Power Technology DRF100 Datasheet HTML 3Page - Advanced Power Technology DRF100 Datasheet HTML 4Page - Advanced Power Technology DRF100 Datasheet HTML 5Page - Advanced Power Technology DRF100 Datasheet HTML 6Page - Advanced Power Technology DRF100 Datasheet HTML 7Page - Advanced Power Technology DRF100 Datasheet HTML 8Page - Advanced Power Technology DRF100 Datasheet HTML 9Page - Advanced Power Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
High Speed MOSFET Driver
Absolute Maximum Ratings
Thermal Characteristics
Specifications
®
TYPICAL APPLICATIONS
• MOSFET Drivers
• Switch Mode Power Amplifiers
• Digital Output Amplifiers
• Pulse Generators
• Laser Diode Drivers
• Ultrasound Transducer Drivers
• Acoustic Optical Modulators
FEATURES
• Switching Frequency: DC TO 30MHz
• Switching Speeds 3-4ns 50Ω Load
• Low Pulse Width Distortion
• Single Power Supply
• 3V CMOS Schmitt Trigger Input 1V Hysteresis
• Output Capable of ≥ 8A RMS
• Power Dissipation Capability >100W
Unit
V
Unit
°C/W
°C
W
Unit
V
A
V
ns
µA
A
pF
V
ns
Ratings
18
5.5
Min
Typ
Max
0.71
175
>100
210
Min
Typ
Max
8
18
8
3
1.8
2.2
8
1.2
200
8
2500
3
0.8
1.0
1.9
2.2
38
Parameter
Supply Voltage
Input Single Voltage
Characteristic
Junction to Case Thermal Resistance
Operating Junction Temperature
Maximum Power Dissipation
Total Power Dissipation @ T
C = 25°C
Parameter
Supply Voltage
Output Current
Input Voltage
Input Voltage Rising Edge
Input Voltage Falling Edge
Quiescent Current
Max Output Current
Output Capacitance
Input Capacitance
Input Low
Input High
Time Delay (throughput)
Symbol
V
DD
V
IN
Symbol
RθJC
T
J
P
D
P
DC
Symbol
V
DD
I
OUT
5
V
IN
V
IN(R)
6
V
IN(F)
6
I
DDQ
I
O
C
oss
C
iss
V
IL
V
IH
V
DLY
VDD
VDD
DRF100
15V, 8A, 30MHz
The DRF100 is a High-Speed Power MOSFET driver with a unique anti-ring function. It
is intended to drive the gate of a power MOSFET ≥3nF, gate capacitance to an 18V
maximum, at frequencies up to 30MHz. It can produce output currents ≥8A RMS, while
dissipating 100W.
APT Website - http://www.advancedpower.com


Similar Part No. - DRF100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
DRF100 MICROSEMI-DRF100 Datasheet
115Kb / 4P
MOSFET Driver Hybrid
More results

Similar Description - DRF100

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
HIGH SPEED DUAL MOSFET DRIVER
MD1811 SUTEX-MD1811 Datasheet
459Kb / 6P
HIGH SPEED QUAD MOSFET DRIVER
MD1813 SUTEX-MD1813 Datasheet
222Kb / 6P
High Speed Quad MOSFET Driver
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
High Speed Dual MOSFET Driver
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
Dual, High Speed MOSFET Driver
December 12, 2007
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
Dual, High Speed MOSFET Driver
March 17, 2011
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
Dual, High Speed MOSFET Driver
May 30, 2014
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
Dual, High Speed MOSFET Driver
January 29, 2015
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
Dual, High Speed MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com