Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRF100 Datasheet(PDF) 5 Page - Advanced Power Technology

Part # DRF100
Description  High Speed MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

DRF100 Datasheet(HTML) 5 Page - Advanced Power Technology

  DRF100 Datasheet HTML 1Page - Advanced Power Technology DRF100 Datasheet HTML 2Page - Advanced Power Technology DRF100 Datasheet HTML 3Page - Advanced Power Technology DRF100 Datasheet HTML 4Page - Advanced Power Technology DRF100 Datasheet HTML 5Page - Advanced Power Technology DRF100 Datasheet HTML 6Page - Advanced Power Technology DRF100 Datasheet HTML 7Page - Advanced Power Technology DRF100 Datasheet HTML 8Page - Advanced Power Technology DRF100 Datasheet HTML 9Page - Advanced Power Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Figure 8, Leading Edge throughput
Delay ~ 37ns
=
Figure 9, Trailing Edge throughput
Delay ~ 37ns
=
Figure 10, Output Rise Time = 7.2ns
Figure 11, Output Fall Time = 7.2ns
Figure 12, DRF-100 Output @ 30MHz in
to 50Ω +3nF
All waveforms on this page, Figures
8 thru 12, were taken using the test
circuit of Figure 3, with the following
test conditions:
4. +VDD = 15V
5. Control input 5.0V/50Ω
6. Load = 50Ω+3nF
DRF100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com